전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-1393239-9 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 3-1393239-9
상세설명  Power PCB Relay RT1 sensitive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393239-9 데이터시트(HTML) 2 Page - Tyco Electronics

  3-1393239-9 Datasheet HTML 1Page - Tyco Electronics 3-1393239-9 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 sensitive (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to 85°C
Category of environmental protection
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional),
form A/form B contact, 30 to 500Hz
20g/5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT, plug-in
Weight
14g
Resistance to soldering heat THT, IEC 60068-2-20
RTII
270°C/10s
RTIII
260°C/5s
Packaging/unit
tube/20 pcs., box/500 pcs.
Accessories
For details see datasheet
Accessories Industrial Power Relay RT
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
10A, pinning 3.5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CB
S0163-BG
S0163-BH
S0272-BB
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.
Product code
Version
Contacts
Contact material
Coil
Part number
RT174005
Flux proof
1 form C (CO)
AgNi 90/10
5VDC
3-1393239-6
RT174009
contact
9VDC
9-1419143-5
RT174012
12VDC
3-1393239-8
RT174024
24VDC
3-1393239-9
RT184005
1 form A (NO)
5VDC
4-1393239-5
RTB84009
Wash tight
contact
9VDC
4-1393238-7
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RT
1
7
4
012
Type
RT Power PCB Relay RT1 sensitive
Version
1
10A, pinning 3.5mm, flux proof
B 10A, pinning 3.5mm, wash tight
Contact configuration
7
1 form C (CO) contact
8
1 form A (NO) contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table


유사한 부품 번호 - 3-1393239-9

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
3-1393239-0 TEC-3-1393239-0 Datasheet
492Kb / 4P
   Power PCB Relay RT1
More results

유사한 설명 - 3-1393239-9

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
RT174005 MACOM-RT174005 Datasheet
161Kb / 2P
   Power PCB Relay RT1 sensitive
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com