전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74C911 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74C911
상세설명  4-Digit Expandable Segment Display Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C911 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74C911 Datasheet HTML 1Page - Fairchild Semiconductor 74C911 Datasheet HTML 2Page - Fairchild Semiconductor 74C911 Datasheet HTML 3Page - Fairchild Semiconductor 74C911 Datasheet HTML 4Page - Fairchild Semiconductor 74C911 Datasheet HTML 5Page - Fairchild Semiconductor 74C911 Datasheet HTML 6Page - Fairchild Semiconductor 74C911 Datasheet HTML 7Page - Fairchild Semiconductor 74C911 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005915.prf
www.fairchildsemi.com
MM74C911
4-Digit Expandable Segment Display Controller
General Description
The MM74C911 display controller is an interface element
with memory that drives a 4-digit, 8-segment LED display.
The MM74C911 allows individual control of any segment in
the 4-digit display. The number of segments per digit can
be expanded without any external components. For exam-
ple, two MM74C911’s can be cascaded to drive a 16-seg-
ment alpha-numeric display.
The display controllers receive data information through 8
data lines a, b…DP, and digit information through 2
address inputs K1 and K2. The input data is written into the
register selected by the address information when CHIP
ENABLE, CE, and WRITE ENABLE, WE, are LOW and is
latched when either CE or WE return HIGH. Data hold time
is not required.
A self-contained internal oscillator sequentially presents
the stored data to high drive (100 mA typ.) 3-STATE output
drivers which directly drive the LED display. The drivers are
active when the control pin labeled SEGMENT OUTPUT
ENABLE, SOE, is LOW and go into 3-STATE when SOE is
HIGH. This feature allows for duty cycle brightness control,
or for disabling the output drive for power conservation.
The digit outputs directly drive the base of the digit transis-
tor when the control pin labeled DIGIT INPUT OUTPUT,
DIO, is LOW. When DIO is HIGH, the digit lines turn into
inputs and the internal scanning multiplexer is disabled.
When any digit line is forced HIGH by an external device,
usually another MM74C911, the data information for that
digit is presented to the output. In this manner, 16-segment
alpha-numeric displays, 24- or 32-segment displays, or an
array of discrete LED's can be controlled by the simple cas-
cading of expandable segment display controllers. All
inputs except digit inputs are TTL compatible and do not
clamp input voltages above VCC.
Features
s Direct segment drive (100 mA typ.) 3-STATE
s 4 registers addressed like RAM
s Internal oscillator and scanning circuit
s Direct base drive to digit transistor
s Segment expandability without external components
s TTL compatible inputs
s Power saver mode—5
µW (typ.)
Ordering Code:
Connection Diagram
Pin Assignments for DIP
Top View
Order Number
Package Number
Package Description
MM74C991N
N28B
28-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS
−010, 0.600” Wide


유사한 부품 번호 - 74C911

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74C915 NSC-74C915 Datasheet
214Kb / 4P
   MM54C915/MM74C915 7-Segment-to-BCD Converter
More results

유사한 설명 - 74C911

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
   14/16-Segment x 16-Digit Display Controller/Driver
logo
LUMEX INC.
LDD-SMHTC3904RI-SI LUMEX-LDD-SMHTC3904RI-SI Datasheet
103Kb / 2P
   7 Segment Dual Digit Display
LDS-SMHTA5604RISIT LUMEX-LDS-SMHTA5604RISIT Datasheet
172Kb / 2P
   7 Segment Single Digit Display
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN1136-ASR MARKTECH-MTN1136-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1140-ASR MARKTECH-MTN1140-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1156-ASR MARKTECH-MTN1156-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
logo
LUMEX INC.
LDD-SMHTM5602RISUG LUMEX-LDD-SMHTM5602RISUG Datasheet
177Kb / 2P
   7 Segment Dual Digit Display
logo
ABCircuits
SER7 ABCIRCUITS-SER7 Datasheet
245Kb / 11P
   Serial to Seven Segment Controller Expandable to 32 digits
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com