전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3102A18-3SX 데이터시트(PDF) 10 Page - Amphenol Corporation

부품명 CS3102A18-3SX
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SX 데이터시트(HTML) 10 Page - Amphenol Corporation

Back Button CS3102A18-3SX Datasheet HTML 6Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 7Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 8Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 9Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 10Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 11Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 12Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 13Page - Amphenol Corporation CS3102A18-3SX Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
9
U
W
V
Thread
L
ZJ
A
Thread
Q
Shell
Size
A
Thread
Class 2B
J
±.005
L
Max.
Q
Dia.
Max.
U
Max.
V
Thread
Class 2A
W
Z
±.045
8S
.5000-28UNEF
.531
.896
.741
.750
.5000-28UNEF
.375
.562
10S
.6250-24NEF
.531
.927
.869
.750
.5000-28UNEF
.375
.562
10SL
.6250-24NEF
.531
.951
.946
.875
.6250-24NEF
.375
.562
12S
.7500-20UNEF
.531
.956
.995
.875
.6250-24NEF
.375
.562
12
.7500-20UNEF
.719
1.143
.995
.875
.6250-24NEF
.375
.812
14S
.8750-20UNEF
.531
1.120
1.123
1.000
.7500-20UNEF
.375
.562
14
.8750-20UNEF
.719
1.207
1.123
1.000
.7500-20UNEF
.375
.812
16S
1.0000-20UNEF
.531
1.146
1.250
1.062
.8750-20UNEF
.375
.562
16
1.0000-20UNEF
.719
1.332
1.250
1.062
.8750-20UNEF
.375
.812
18
1.1250-18NEF
.719
1.395
1.333
1.188
1.0000-20UNEF
.375
.812*
20
1.2500-18NEF
.719
1.645
1.461
1.250
1.1875-18NEF
.375
.812*
22
1.3750-18NEF
.719
1.645
1.588
1.312
1.1875-18NEF
.375
.812*
24
1.5000-18NEF
.719
1.896
1.715
1.438
1.4375-18NEF
.375
.812*
28
1.7500-18NS
.719
1.896
1.968
1.500
1.4375-18NEF
.375
.812*
32
2.0000-18NS
.719
2.118
2.209
1.750
1.7500-18NS
.438
.812*
36
2.2500-16UN
.719
2.176
2.463
1.875
2.0000-18NS
.500
.812*
40
2.5000-16UN
.719
2.301
2.719
2.031
2.2500-16UN
.500
.812*
MS/Standard
MS3108A
90 degree plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.


유사한 부품 번호 - CS3102A18-3SX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
CS3102A18-5P-SR AMPHENOL-CS3102A18-5P-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
CS3102A18-5S-SR AMPHENOL-CS3102A18-5S-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

유사한 설명 - CS3102A18-3SX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com