전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT123A-Q100 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AHCT123A-Q100
상세설명  Dual retriggerable monostable multivibrator with reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT123A-Q100 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AHCT123A-Q100 Datasheet HTML 1Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 2Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 3Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 4Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 5Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 6Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 7Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 8Page - NXP Semiconductors 74AHCT123A-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74AHC_AHCT123A_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 23 May 2013
5 of 22
NXP Semiconductors
74AHC123A-Q100; 74AHCT123A-Q100
Dual retriggerable monostable multivibrator with reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 5.
Pin configuration SO16, TSSOP16
Fig 6.
Pin configuration DHVQFN16
Table 2.
Pin description
Symbol
Pin
Description
1A
1
negative-edge triggered input 1
1B
2
positive-edge triggered input 1
1RD
3
direct reset LOW and positive-edge triggered input 1
1Q
4
active LOW output 1
2Q
5
active HIGH output 2
2CEXT
6
external capacitor connection 2
2REXT/CEXT
7
external resistor and capacitor connection 2
GND
8
ground (0 V)
2A
9
negative-edge triggered input 2
2B
10
positive-edge triggered input 2
2RD
11
direct reset LOW and positive-edge triggered input 2
2Q
12
active LOW output 2
1Q
13
active HIGH output 1
1CEXT
14
external capacitor connection 1
1REXT/CEXT
15
external resistor and capacitor connection 1
VCC
16
supply voltage


유사한 부품 번호 - 74AHCT123A-Q100

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHCT123A-Q100 NEXPERIA-74AHCT123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results

유사한 설명 - 74AHCT123A-Q100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com