전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8605AD-B-IS 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI8605AD-B-IS
상세설명  Independent, bidirectional SDA and SCL isolation channels Open drain outputs with 35 mA sink current
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8605AD-B-IS 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI8605AD-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 11Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 12Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 13Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 14Page - Silicon Laboratories SI8605AD-B-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Rev. 1.2
11
Si860x
Table 9. IEC 60747-5-2 Insulation Characteristics for Si86xxxx*
Parameter
Symbol
Test Condition
Characteristic
Unit
WB
SOIC-16
NB SOIC-8
SOIC-16
Maximum Working Insulation
Voltage
VIORM
1200
630
Vpeak
Input to Output Test Voltage
VPR
Method b1
(VIORM x1.875 =VPR, 100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
2250
1182
Vpeak
Transient Overvoltage
VIOTM
t = 60 sec
6000
6000
Vpeak
Pollution Degree
(DIN VDE 0110, Table 1)
22
Insulation Resistance at TS,
VIO =500 V
RS
>109
>109
*Note: Maintenance of the safety data is ensured by protective circuits. The Si86xxxx provides a climate classification of
40/125/21.
Table 10. IEC Safety Limiting Values1
Parameter
Symbol
Test Condition
NB
SOIC-8
NB
SOIC-16
WB
SOIC-16
Unit
Case Temperature
TS
150
150
150
°C
Safety Input Current
IS
JA = 100 °C/W (WB SOIC-16),
105 °C/W (NB SOIC-16), 140 °C/W
(NB SOIC-8)
AVDD, BVDD = 5.5 V,
TJ =150 °C, TA =25°C
160
210
220
mA
Device Power Dissipation2
PD
220
275
275
W
Notes:
1. Maximum value allowed in the event of a failure. Refer to the thermal derating curve in Figures 3, 4, and 5.
2. The Si86xx is tested with AVDD, BVDD = 5.5 V; TJ =150 ºC; C1, C2 =0.1 µF; C3 = 15 pF; R1, R2 = 3kinput 1 MHz
50% duty cycle square wave.


유사한 부품 번호 - SI8605AD-B-IS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8605AD-B-IS SKYWORKS-SI8605AD-B-IS Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
More results

유사한 설명 - SI8605AD-B-IS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74HC3G07 PHILIPS-74HC3G07 Datasheet
80Kb / 14P
   Buffer with open-drain outputs
2003 Oct 15
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
   Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com