전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8606AC-B-IS1 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI8606AC-B-IS1
상세설명  Independent, bidirectional SDA and SCL isolation channels Open drain outputs with 35 mA sink current
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8606AC-B-IS1 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI8606AC-B-IS1 Datasheet HTML 6Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 9Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 10Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 11Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 12Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 13Page - Silicon Laboratories SI8606AC-B-IS1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Rev. 1.2
Si860x
Table 7. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
Value
Unit
NB
SOIC-8
NB
SOIC-16
WB
SOIC-16
Nominal Air Gap (Clearance)1
L(1O1)
4.9
4.9
8.0
mm
Nominal External Tracking
(Creepage)1
L(1O2)
4.01
4.01
8.0
mm
Minimum Internal Gap
(Internal Clearance)
0.011
0.011
0.014
mm
Tracking Resistance
(Proof Tracking Index)
PTI
IEC60112
600
600
600
VRMS
Erosion Depth
ED
0.040
0.019
0.019
mm
Resistance (Input-Output)2
RIO
1012
1012
1012
Capacitance (Input-Output)2
CIO
f = 1 MHz
1.0
2.0
2.0
pF
Input Capacitance3
CI
Non-I2C Channel
4.0
4.0
4.0
pF
I2C Channel
10
10
10
pF
Notes:
1. VDE certifies the clearance and creepage limits as 4.7 mm minimum for the NB SOIC-8 and SOIC-16 packages and
8.5 mm minimum for the WB SOIC-16 package. UL does not impose a clearance and creepage minimum for
component level certifications. CSA certifies the clearance and creepage limits as 3.9 mm minimum for the NB SOIC-8
and SOIC-16 packages and 7.6 mm minimum for the WB SOIC-16 package.
2. To determine resistance and capacitance, the Si860x, SO-16, is converted into a 2-terminal device. Pins 1–8 (1–4, SO-
8) are shorted together to form the first terminal and pins 9–16 (5–8, SO-8) are shorted together to form the second
terminal. The parameters are then measured between these two terminals.
3. Measured from input pin to ground.
Table 8. IEC 60664-1 (VDE 0844 Part 2) Ratings
Parameter
Test Conditions
Specification
NB SOIC-8
SOIC-16
WB SOIC-16
Basic Isolation Group
Material Group
I
I
Installation Classification
Rated Mains Voltages < 150 VRMS
I-IV
I-IV
Rated Mains Voltages < 300 VRMS
I-III
I-IV
Rated Mains Voltages < 400 VRMS
I-II
I-III
Rated Mains Voltages < 600 VRMS
I-II
I-III


유사한 부품 번호 - SI8606AC-B-IS1

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8606AC-B-IS1 SKYWORKS-SI8606AC-B-IS1 Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
More results

유사한 설명 - SI8606AC-B-IS1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74HC3G07 PHILIPS-74HC3G07 Datasheet
80Kb / 14P
   Buffer with open-drain outputs
2003 Oct 15
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
   Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com