전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI32911-A-FS 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 SI32911-A-FS
상세설명  Low power standby operation Tracking dc-dc controller Patented low-power ringing Wideband voice support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI32911-A-FS 데이터시트(HTML) 2 Page - Silicon Laboratories

  SI32911-A-FS Datasheet HTML 1Page - Silicon Laboratories SI32911-A-FS Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ProSLIC
Copyright © 2009 by Silicon Laboratories
4.14.09
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si3217x and Si3291x
ProSLIC® Single-Chip FXS Solution with FXO Option
Parameter
Symbol
Test Condition
Min
Typical
Max
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
G-Grade
–40
25
85
°C
Supply Voltage, Si3217x
VDD
3.13
3.3
3.47
V
Battery Voltage, Si3217x
VBAT
–15
–136/–110
V
Maximum Loop Resistance
(loop + load)
RLOOP
ILOOP=18 mA, VBAT = –48 V
2000
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
640
Idle Channel Noise
C-Message weighted
8
12
dBrnC
PSRR from VDD
RX and TX, dc to 3.4 kHz
55
dB
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200 Hz to 1 kHz
58
60
dB
1 kHz to 3.4 kHz
53
58
dB
Metallic/PCM to Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at
TIP or RING
50
Longitudinal Current per Pin
Active off-hook
200 Hz to 3.4 kHz
25
mA
DC Feed Current
See Table 5,
Si3217x
Data Sheet
VTR = 0 V
45
mA
2-Wire Return Loss
200 Hz to 3.4 kHz
26
30
dB
Transhybrid Balance
300 Hz to 3.4 kHz
26
30
dB
Thermal Resistance (QFN-42)
θ
JA
32
°C/W
Thermal Resistance (SOIC-16)
θ
JA
85
°C/W
Continuous Power Dissipation (QFN-42)
PD
TA = 85 °C
1.3
W
Continuous Power Dissipation (SOIC-16)
PD
TA = 85 °C
0.47
W
Selected Electrical Specifications
Package Information
42-Pin QFN
16-Pin SOIC
D
D2
e
E
E2
5.00 BS C
b
0.50 BS C
7.00 BS C
Min
Typ
Max
MM
0.20
0.25
0.30
3.35
3.40
3.45
A
0.60
0.65
0.70
E3
E4
3.15
3.20
3.25
L
0.35
0.40
0.45
L1
0.05
0.10
0.15
1.65
1.70
1.75
5.35
5.40
5.45
A2
b
c
D
E
A1
9.90 BSC
Min
Max
0.31
0.51
A
1.75
E1
e
L
L2
0.10
0.25
1.25
0.17
0.25
6.00 BSC
3.90 BSC
1.27 BSC
0.25 BSC
h
0.40
1.27
0.25
0.50
ø


유사한 부품 번호 - SI32911-A-FS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI32911-A-FS SILABS-SI32911-A-FS Datasheet
91Kb / 2P
   ProSLIC Single-Chip FXS Solution with FXO Option
logo
Skyworks Solutions Inc.
SI32911-A-FS SKYWORKS-SI32911-A-FS Datasheet
1Mb / 50P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
More results

유사한 설명 - SI32911-A-FS

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Linear Technology
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
logo
Linear Technology
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com