전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5315B-C-GM 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI5315B-C-GM
상세설명  Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5315B-C-GM 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI5315B-C-GM Datasheet HTML 2Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 3Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 4Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 5Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 6Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 7Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 8Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 9Page - Silicon Laboratories SI5315B-C-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Si5315
6
Rev. 1.0
Output Drive Current
CKOIO
CMOS
Driving into CKOVOL for out-
put low or CKOVOH for out-
put high. CKOUT+ and
CKOUT– shorted externally.
VDD = 1.71 V
7.5
mA
VDD = 2.97 V
32
mA
2-Level LVCMOS Input Pins
Input Voltage Low
VIL
VDD =1.71V
0.5
V
VDD =2.25V
0.7
V
VDD =2.97V
0.8
V
Input Voltage High
VIH
VDD =1.89V
1.4
V
VDD =2.25V
1.8
V
VDD =3.63V
2.5
V
Input Low Current
IIL
——
50
µA
Input High Current
IIH
——
50
µA
Weak Internal Input Pull-up
Resistor
RPUP
—75
k
Weak Internal Input
Pull-down Resistor
RPDN
—75
k
3-Level Input Pins
Input Voltage Low
VILL
——
0.15 x VDD
V
Input Voltage Mid
VIMM
0.45 x VDD
0.55 x VDD
V
Input Voltage High
VIHH
0.85 x VDD
——
V
Input Low Current
IILL
See note 3.
–20
µA
Input Mid Current
IIMM
See note 3.
–2
2
µA
Input High Current
IIHH
See note 3.
20
µA
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. Refers to Si5315A speed grade.
2. Refers to Si5315B speed grade.
3. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 11.


유사한 부품 번호 - SI5315B-C-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5315B-C-GM SILABS-SI5315B-C-GM Datasheet
416Kb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5315B-C-GM SKYWORKS-SI5315B-C-GM Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

유사한 설명 - SI5315B-C-GM

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
   Jitter attenuation and frequency multiplication
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
   Frequency Timing and Translation Modules
logo
Micrel Semiconductor
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
   Provides a direct interface between Z80 microcomputer systems and peripheral devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com