전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5330C-A00209-GM 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI5330C-A00209-GM
상세설명  Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330C-A00209-GM 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI5330C-A00209-GM Datasheet HTML 1Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 2Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 3Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 4Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 5Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 6Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 7Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 8Page - Silicon Laboratories SI5330C-A00209-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si5330
Rev. 1.0
5
Table 3. Performance Characteristics
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
CLKIN Loss of Signal Assert
Time
tLOS
—2.6
5
µs
CLKIN Loss of Signal De-Assert
Time
tLOS_B
After initial start-up time has
expired
0.01
0.2
1
µs
Input-to-Output Propagation
Delay
tPROP
—2.5
4.0
ns
Output-Output Skew
tDSKEW
Outputs at same signal
format
——
100
ps
POR to Output Clock Valid
tSTART
Start-up time for output
clocks
——
2
ms
Table 4. Input and Output Clock Characteristics
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Clock (AC Coupled Differential Input Clocks on Pin IN1/2)
Frequency
fIN
5
710
MHz
Differential Voltage Swing
VPP
710 MHz input
0.4
2.4
VPP
Rise/Fall Time
tR/tF
20%–80%
1.0
ns
Duty Cycle
DC
< 1 ns tr/tf
40
50
60
%
Input Impedance
RIN
10
k
Input Capacitance
CIN
—3.5
pF
Input Clock (DC-Coupled Single-Ended Input Clock on Pin IN3)
Frequency
fIN
CMOS
5
200
MHz
HSTL, SSTL
5
350
MHz
Input Voltage
VI
–0.1
VDD
V
Input Voltage Swing
(CMOS Standard)
200MHz, Tr/Tf= 1.3ns
0.8
Vpp
Rise/Fall Time
tR/tF
20%–80%
4
ns
Duty Cycle
DC
< 2 ns tr/tf
40
50
60
%
Input Capacitance
CIN
—2
pF
Output Clocks (Differential)
Frequency
fOUT
LVPECL, LVDS
5
710
MHz
HCSL
5
250
MHz


유사한 부품 번호 - SI5330C-A00209-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5330C-A00209-GM SILABS-SI5330C-A00209-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Si5330C-A00209-GM SILABS-Si5330C-A00209-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

유사한 설명 - SI5330C-A00209-GM

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com