전자부품 데이터시트 검색엔진 |
|
HCPL-0201-560 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0201-560 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED |
8 / 18 page 8 IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCPL-2211/2212 Option 060 ONLY) Description Symbol Characteristic Units Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage ≤300 V rms I-IV for rated mains voltage ≤450 V rms I-III Climatic Classification 55/85/21 Pollution Degree (DIN VDE 0110/1.89) 2 Maximum Working Insulation Voltage V IORM 630 V peak Input to Output Test Voltage, Method b* V IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, V PR 1181 V peak Partial Discharge < 5 pC Input to Output Test Voltage, Method a* V IORM x 1.5 = VPR, Type and sample test, V PR 945 V peak t m = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, t ini = 10 sec) V IOTM 6000 V peak Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 12, Thermal Derating curve.) Case Temperature T S 175 °C Input Current I S,OUTPUT 230 mA Output Power P S,OUTPUT 600 mW Insulation Resistance at T S, VIO = 500 V R S ≥109 Ω *Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in applica- tion. |
유사한 부품 번호 - HCPL-0201-560 |
|
유사한 설명 - HCPL-0201-560 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |