전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2674N-ADJ 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM2674N-ADJ
상세설명  LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2674N-ADJ 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM2674N-ADJ Datasheet HTML 7Page - Texas Instruments LM2674N-ADJ Datasheet HTML 8Page - Texas Instruments LM2674N-ADJ Datasheet HTML 9Page - Texas Instruments LM2674N-ADJ Datasheet HTML 10Page - Texas Instruments LM2674N-ADJ Datasheet HTML 11Page - Texas Instruments LM2674N-ADJ Datasheet HTML 12Page - Texas Instruments LM2674N-ADJ Datasheet HTML 13Page - Texas Instruments LM2674N-ADJ Datasheet HTML 14Page - Texas Instruments LM2674N-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM2674
www.ti.com
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
CIN - 22 μF, 50V Tantalum, Sprague “199D Series”
COUT - 47 μF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68
μH Sumida #RCR110D-680L
R1 - 1.5 k
Ω, 1%
CB - 0.01 μF, 50V Ceramic
For a 5V output, select R2 to be 4.75 k
Ω, 1%
where VREF = 1.21V
Use a 1% resistor for best stability.
Figure 23. Standard Test Circuits and Layout Guides Adjustable Output Voltage Versions
LM2674 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
To simplify the buck regulator design procedure, Texas Instruments
is making available computer design software to be used with the
SIMPLE SWITCHERline of switching regulators.LM267X Made
Simple (version 6.0)is available on Windows® 3.1, NT, or 95
operating systems.
Given:
Given:
VOUT = Regulated Output Voltage (3.3V, 5V, or 12V)
VOUT = 5V
VIN(max) = Maximum DC Input Voltage
VIN(max) = 12V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 500 mA
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Figure 25,
A. Use the inductor selection guide for the 5V version shown in
Figure 24 or Figure 26 (output voltages of 3.3V, 5V, or 12V
Figure 24.
respectively). For all other voltages, see the design procedure for the
adjustable version.
B. From the inductor value selection guide, identify the inductance
B. From the inductor value selection guide shown in Figure 24, the
region intersected by the Maximum Input Voltage line and the
inductance region intersected by the 12V horizontal line and the
Maximum Load Current line. Each region is identified by an
500mA vertical line is 47
μH, and the inductor code is L13.
inductance value and an inductor code (LXX).
C. Select an appropriate inductor from the four manufacturer's part
C. The inductance value required is 47
μH. From Table 1, go to the
numbers listed in Table 1. Each manufacturer makes a different style L13 line and choose an inductor part number from any of the four
of inductor to allow flexibility in meeting various design requirements. manufacturers shown. (In most instances, both through hole and
Listed below are some of the differentiating characteristics of each
surface mount inductors are available.)
manufacturer's inductors:
Schott: ferrite EP core inductors; these have very low leakage
magnetic fields to reduce electro-magnetic interference (EMI) and
are the lowest power loss inductors
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2674


유사한 부품 번호 - LM2674N-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2674N-ADJ NSC-LM2674N-ADJ Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
LM2674N-ADJ TI1-LM2674N-ADJ Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674N-ADJ/NOPB TI1-LM2674N-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

유사한 설명 - LM2674N-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-ADJ TI-LM2675M-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com