전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2991 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2991
상세설명  LM2991 Negative Low Dropout Adjustable Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2991 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM2991 Datasheet HTML 4Page - Texas Instruments LM2991 Datasheet HTML 5Page - Texas Instruments LM2991 Datasheet HTML 6Page - Texas Instruments LM2991 Datasheet HTML 7Page - Texas Instruments LM2991 Datasheet HTML 8Page - Texas Instruments LM2991 Datasheet HTML 9Page - Texas Instruments LM2991 Datasheet HTML 10Page - Texas Instruments LM2991 Datasheet HTML 11Page - Texas Instruments LM2991 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2991
SNVS099H – MAY 1999 – REVISED JUNE 2013
www.ti.com
Minimum Load
A minimum load current of 500
μA is required for proper operation. The external resistor divider can provide the
minimum load, with the resistor from the adjust pin to ground set to 2.4 k
Ω.
Setting the Output Voltage
The output voltage of the LM2991 is set externally by a resistor divider using the following equation:
VOUT = VREF x (1 + R2/R1) − (IADJ x R2)
where
VREF = −1.21V
(1)
The output voltage can be programmed within the range of
−3V to −24V, typically an even greater range of −2V
to
−25V. The adjust pin current is about 60 nA, causing a slight error in the output voltage. However, using
resistors lower than 100 k
Ω makes the error due to the adjust pin current negligible. For example, neglecting the
adjust pin current, and setting R2 to 100 k
Ω and VOUT to −5V, results in an output voltage error of only 0.16%.
ON/OFF Pin
The LM2991 regulator can be turned off by applying a TTL or CMOS level high signal to the ON/OFF pin. The
impedance of the voltage source driving the ON/OFF pin should be low enough to source the ON/OFF pin input
current to meet the OFF threshold voltage level, 100 µA maximum at 2.4V.
If the ON/OFF function is not needed, the pin should be connected to Ground. The ON/OFF pin should not be
left floating, as this is not an ensured operating condition.
See the Adjustable Current Sink Application, Figure 21.
Forcing the Output Positive
Due to an internal clamp circuit, the LM2991 can withstand positive voltages on its output. If the voltage source
pulling the output positive is DC, the current must be limited to 1.5A. A current over 1.5A fed back into the
LM2991 could damage the device. The LM2991 output can also withstand fast positive voltage transients up to
26V, without any current limiting of the source. However, if the transients have a duration of over 1 ms, the
output should be clamped with a Schottky diode to ground.
Thermal Shutdown
The LM2991 has an internally set thermal shutdown point of typically 160°C, with approximately 10°C of
hysteresis. This thermal shutdown temperature point is outside the specified Operating Rating range, above the
Absolute Maximum Ratings, and is intended as a safety feature for momentary fault conditions only. Continuous
operation near the thermal shutdown temperature should be avoided as it may have a negative affect on the life
of the device.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2991


유사한 부품 번호 - LM2991

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991 TI-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
More results

유사한 설명 - LM2991

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com