전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC662 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LMC662
상세설명  LMC662 CMOS Dual Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMC662 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LMC662 Datasheet HTML 6Page - Texas Instruments LMC662 Datasheet HTML 7Page - Texas Instruments LMC662 Datasheet HTML 8Page - Texas Instruments LMC662 Datasheet HTML 9Page - Texas Instruments LMC662 Datasheet HTML 10Page - Texas Instruments LMC662 Datasheet HTML 11Page - Texas Instruments LMC662 Datasheet HTML 12Page - Texas Instruments LMC662 Datasheet HTML 13Page - Texas Instruments LMC662 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LMC662
SNOSC51C – APRIL 1998 – REVISED MARCH 2013
www.ti.com
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC662's inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals, etc. connected to the op-amp's
inputs. See Figure 19. To have a significant effect, guard rings should be placed on both the top and bottom of
the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the amplifier
inputs, since no leakage current can flow between two points at the same potential. For example, a PC board
trace-to-pad resistance of 1012
Ω, which is normally considered a very large resistance, could leak 5 pA if the
trace were a 5V bus adjacent to the pad of an input. This would cause a 100 times degradation from the
LMC662's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a resistance
of 1011
Ω would cause only 0.05 pA of leakage current, or perhaps a minor (2:1) degradation of the amplifier's
performance. See Figure 20, Figure 21, and Figure 22 for typical connections of guard rings for standard op-amp
configurations. If both inputs are active and at high impedance, the guard can be tied to ground and still provide
some protection; see Figure 23.
Figure 19. Example, using the LMC660,
of Guard Ring in P.C. Board Layout
Figure 20. Guard Ring Connections: Inverting Amplifier
Figure 21. Guard Ring Connections: Non-Inverting Amplifier
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC662


유사한 부품 번호 - LMC662

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
LMC662AIM NSC-LMC662AIM Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC662AIM TI1-LMC662AIM Datasheet
1Mb / 23P
[Old version datasheet]   LMC662 CMOS Dual Operational Amplifier
LMC662AIM/NOPB TI1-LMC662AIM/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LMC662 CMOS Dual Operational Amplifier
LMC662AIMX TI1-LMC662AIMX Datasheet
1Mb / 23P
[Old version datasheet]   LMC662 CMOS Dual Operational Amplifier
More results

유사한 설명 - LMC662

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMC662AIMX TI1-LMC662AIMX Datasheet
1Mb / 23P
[Old version datasheet]   LMC662 CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
   CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
   CMOS Dual operational amplifier
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
   CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
   CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com