전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ85C 데이터시트(PDF) 4 Page - Formosa MS

부품명 SMAJ85C
상세설명  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ85C 데이터시트(HTML) 4 Page - Formosa MS

  SMAJ85C Datasheet HTML 1Page - Formosa MS SMAJ85C Datasheet HTML 2Page - Formosa MS SMAJ85C Datasheet HTML 3Page - Formosa MS SMAJ85C Datasheet HTML 4Page - Formosa MS SMAJ85C Datasheet HTML 5Page - Formosa MS SMAJ85C Datasheet HTML 6Page - Formosa MS SMAJ85C Datasheet HTML 7Page - Formosa MS SMAJ85C Datasheet HTML 8Page - Formosa MS SMAJ85C Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image



 
!
! "#8$%&'(()'*(''+
,
^_`a_bcef
ghiklmnop
qnrstu
r
mvqgwxxlqootl
yz{|y~
€
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ22
SMAJ22C
IW
UW
22
24.4
30.9
1.0
39.4
10.2
5.0
SMAJ22A
SMAJ22CA
IX
UX
22
24.4
28.0
1.0
35.5
11.3
5.0
SMAJ24
SMAJ24C
IY
UY
24
26.7
33.8
1.0
43.0
9.3
5.0
SMAJ24A
SMAJ24CA
IZ
UZ
24
26.7
30.7
1.0
38.9
10.3
5.0
SMAJ26
SMAJ26C
JD
VD
26
28.9
36.6
1.0
46.6
8.6
5.0
SMAJ26A
SMAJ26CA
JE
VE
26
28.9
33.2
1.0
42.1
9.5
5.0
SMAJ28
SMAJ28C
JF
VF
28
31.1
39.4
1.0
50.0
8.0
5.0
SMAJ28A
SMAJ28CA
JG
VG
28
31.1
35.8
1.0
45.4
8.8
5.0
SMAJ30
SMAJ30C
JH
VH
30
33.3
42.2
1.0
53.5
7.5
5.0
SMAJ30A
SMAJ30CA
JK
VK
30
33.3
38.3
1.0
48.4
8.3
5.0
SMAJ33
SMAJ33C
JL
VL
33
36.7
46.5
1.0
59.0
6.8
5.0
SMAJ33A
SMAJ33CA
JM
VM
33
36.7
42.2
1.0
53.3
7.5
5.0
SMAJ36
SMAJ36C
JN
VN
36
40.0
50.7
1.0
64.3
6.2
5.0
SMAJ36A
SMAJ36CA
JP
VP
36
40.0
46.0
1.0
58.1
6.9
5.0
SMAJ40
SMAJ40C
JQ
VQ
40
44.4
56.3
1.0
71.4
5.6
5.0
SMAJ40A
SMAJ40CA
JR
VR
40
44.4
51.1
1.0
64.5
6.2
5.0
SMAJ43
SMAJ43C
JS
VS
43
47.8
60.5
1.0
76.7
5.2
5.0
SMAJ43A
SMAJ43CA
JT
VT
43
47.8
54.9
1.0
69.4
5.8
5.0
SMAJ45
SMAJ45C
JU
VU
45
50.0
63.3
1.0
80.3
5.0
5.0
SMAJ45A
SMAJ45CA
JV
VV
45
50.0
57.5
1.0
72.7
5.5
5.0
SMAJ48
SMAJ48C
JW
VW
48
53.3
67.5
1.0
85.5
4.7
5.0
SMAJ48A
SMAJ48CA
JX
VX
48
53.3
61.3
1.0
77.4
5.2
5.0
SMAJ51
SMAJ51C
JY
VY
51
56.7
71.8
1.0
91.1
4.4
5.0
SMAJ51A
SMAJ51CA
JZ
VZ
51
56.7
65.2
1.0
82.4
4.9
5.0
SMAJ54
SMAJ54C
RD
WD
54
60.0
76.0
1.0
96.3
4.2
5.0
SMAJ54A
SMAJ54CA
RE
WE
54
60.0
69.0
1.0
87.1
4.6
5.0
SMAJ58
SMAJ58C
RF
WF
58
64.4
81.6
1.0
103
3.9
5.0
SMAJ58A
SMAJ58CA
RG
WG
58
64.4
74.1
1.0
93.6
4.3
5.0
SMAJ60
SMAJ60C
RH
WH
60
66.7
84.5
1.0
107
3.7
5.0
SMAJ60A
SMAJ60CA
RK
WK
60
66.7
76.7
1.0
96.8
4.1
5.0
SMAJ64
SMAJ64C
RL
WL
64
71.1
90.1
1.0
114
3.5
5.0
SMAJ64A
SMAJ64CA
RM
WM
64
71.1
81.8
1.0
103
3.9
5.0
SMAJ70
SMAJ70C
RN
WN
70
77.8
98.6
1.0
125
3.2
5.0
SMAJ70A
SMAJ70CA
RP
WP
70
77.8
89.5
1.0
113
3.5
5.0
SMAJ75
SMAJ75C
RQ
WQ
75
83.0
105.7
1.0
134
3.0
5.0
SMAJ75A
SMAJ75CA
RR
WR
75
83.0
95.8
1.0
121
3.3
5.0
SMAJ78
SMAJ78C
RS
WS
78
86.0
109.8
1.0
139
2.9
5.0
SMAJ78A
SMAJ78CA
RT
WT
78
86.0
99.7
1.0
126
3.2
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 4
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


유사한 부품 번호 - SMAJ85C

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ85C BYTES-SMAJ85C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMAJ85C ZSELEC-SMAJ85C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMAJ85C UNIOHM-SMAJ85C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Silicon Co., Ltd
SMAJ85C FS-SMAJ85C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
SeCoS Halbleitertechnol...
SMAJ85C SECOS-SMAJ85C Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
More results

유사한 설명 - SMAJ85C

제조업체부품명데이터시트상세설명
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com