전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ45C 데이터시트(PDF) 9 Page - Formosa MS

부품명 SMBJ45C
상세설명  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ45C 데이터시트(HTML) 9 Page - Formosa MS

Back Button SMBJ45C Datasheet HTML 2Page - Formosa MS SMBJ45C Datasheet HTML 3Page - Formosa MS SMBJ45C Datasheet HTML 4Page - Formosa MS SMBJ45C Datasheet HTML 5Page - Formosa MS SMBJ45C Datasheet HTML 6Page - Formosa MS SMBJ45C Datasheet HTML 7Page - Formosa MS SMBJ45C Datasheet HTML 8Page - Formosa MS SMBJ45C Datasheet HTML 9Page - Formosa MS SMBJ45C Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image

)8
1233#'(
#3#8
39318
"3*+ , - ."(
%(
8
/*++01+0

&3
2
 2
%3(
#2"
13"#8%3'(
3


3
3
)"2238
3%8
73129
(
2
3
2
%3(
#2933
0
(
2
3318
"3
)2
%3(
#23#%(
8
(
#
'312319"918
348
05
67
3
037318

39318
"38(
#4(
#5
+-3

39318
"38194195
--3
(
34(
#8
19548

5
-,-3
198


&19"9&18
3
673
3
(
31(
#8
1(
#3%1:'3

39318
"345
53
(
348

5
-,-3


031;39318
"3405
++3-
<+3

(
3 (
8
7(
#+318
"12031;
39318
"348
0
5

&19% #&18
3
63
3

(
3+38
031;39318
"3
6(
#"8
3
3
-,7-3
7
&3
2
 2
%3(
#2
=
>
?@A>
=CDEF
GHIJHKLNO
PQRTUVWXY
ZW[\]^
[
V_ZP`aaUZXX]U
bcdebgh
i
gj
Page 9
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


유사한 부품 번호 - SMBJ45C

제조업체부품명데이터시트상세설명
logo
Bytes
SMBJ45C BYTES-SMBJ45C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ45C SOCAY-SMBJ45C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ45C EIC-SMBJ45C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ45C SOCAY-SMBJ45C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ45C MCC-SMBJ45C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

유사한 설명 - SMBJ45C

제조업체부품명데이터시트상세설명
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com