전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD844AQ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD844AQ
상세설명  60 MHz 2000 V Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD844AQ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD844AQ Datasheet HTML 7Page - Analog Devices AD844AQ Datasheet HTML 8Page - Analog Devices AD844AQ Datasheet HTML 9Page - Analog Devices AD844AQ Datasheet HTML 10Page - Analog Devices AD844AQ Datasheet HTML 11Page - Analog Devices AD844AQ Datasheet HTML 12Page - Analog Devices AD844AQ Datasheet HTML 13Page - Analog Devices AD844AQ Datasheet HTML 14Page - Analog Devices AD844AQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD844
Rev. F | Page 11 of 20
NONINVERTING GAIN-OF-10 AC CHARACTERISTICS
+VS
–VS
0.22µF
0.22µF
OUTPUT
RL
–IN
4.7Ω
4.7Ω
450Ω
50Ω
+
AD844
CL
Figure 23. Noninverting Gain of +10 Amplifier
100M
1M
100k
10M
26
–4
20
14
8
2
FREQUENCY (Hz)
RL = 500Ω
RL = 50Ω
Figure 24. Gain vs. Frequency, Gain = +10
–180
50
0
25
–210
–240
–270
–300
–330
FREQUENCY (MHz)
RL = 500Ω
RL = 50Ω
Figure 25. Phase vs. Frequency, Gain = +10
2V
10
100
90
0
100ns
Figure 26. Noninverting Amplifier Large Signal Pulse Response, Gain = +10,
RL = 500 Ω
10
100
90
0
200nV
50ns
Figure 27. Small Signal Pulse Response, Gain = +10, RL = 500 Ω


유사한 부품 번호 - AD844AQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844AQ AD-AD844AQ Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AQ AD-AD844AQ Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

유사한 설명 - AD844AQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
National Semiconductor ...
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com