전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZTA55 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 PZTA55
상세설명  PNP General Purpose Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA55 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  PZTA55 Datasheet HTML 1Page - Fairchild Semiconductor PZTA55 Datasheet HTML 2Page - Fairchild Semiconductor PZTA55 Datasheet HTML 3Page - Fairchild Semiconductor PZTA55 Datasheet HTML 4Page - Fairchild Semiconductor PZTA55 Datasheet HTML 5Page - Fairchild Semiconductor PZTA55 Datasheet HTML 6Page - Fairchild Semiconductor PZTA55 Datasheet HTML 7Page - Fairchild Semiconductor PZTA55 Datasheet HTML 8Page - Fairchild Semiconductor PZTA55 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PNP General Purpose Amplifier
This device is designed for general purpose amplifier applications
at collector currents to 300 mA. Sourced from Process 73. See
MPSA56 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
MPSA55
*MMBTA55
**PZTA55
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
**Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
MPSA55
C
B E
TO-92
MMBTA55
C
B
E
SOT-23
Mark: 2H
PZTA55
B
C
C
SOT-223
E
ã 1997 Fairchild Semiconductor Corporation
MPSA55/MMBTA55/PZTA55, Rev A


유사한 부품 번호 - PZTA55

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZTA56 PHILIPS-PZTA56 Datasheet
52Kb / 8P
   PNP general purpose transistor
1997 Apr 01
logo
Fairchild Semiconductor
PZTA56 FAIRCHILD-PZTA56 Datasheet
648Kb / 15P
   PNP General Purpose Amplifier
PZTA56 FAIRCHILD-PZTA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
Jiangsu Changjiang Elec...
PZTA56 JIANGSU-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
PZTA56 KEXIN-PZTA56 Datasheet
59Kb / 1P
   PNP General Purpose Transistor
More results

유사한 설명 - PZTA55

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com