전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7476AYRMZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7476AYRMZ
상세설명  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7476AYRMZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7476AYRMZ Datasheet HTML 7Page - Analog Devices AD7476AYRMZ Datasheet HTML 8Page - Analog Devices AD7476AYRMZ Datasheet HTML 9Page - Analog Devices AD7476AYRMZ Datasheet HTML 10Page - Analog Devices AD7476AYRMZ Datasheet HTML 11Page - Analog Devices AD7476AYRMZ Datasheet HTML 12Page - Analog Devices AD7476AYRMZ Datasheet HTML 13Page - Analog Devices AD7476AYRMZ Datasheet HTML 14Page - Analog Devices AD7476AYRMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 11 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
VDD
GND
VIN
CS
SDATA
SCLK
AD7476A/
AD7477A/
AD7478A
Figure 5. 6-Lead SC70 Pin Configuration
8
7
6
5
1
2
3
4
NC = NO CONNECT
VDD
SDATA
VIN
GND
SCLK
NC
NC
TOP VIEW
(Not to Scale)
AD7476A/
AD7477A/
AD7478A
CS
Figure 6. 8-Lead MSOP Pin Configuration
Table 6. Pin Function Descriptions
Mnemonic
Description
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7476A/AD7477A/AD7478A and also frames the serial data transfer.
VDD
Power Supply Input. The VDD range for AD7476A/AD7477A/AD7478A is from 2.35 V to 5.25 V.
GND
Analog Ground. Ground reference point for all circuitry on AD7476A/AD7477A/AD7478A. Refer all analog input signals to this
GND voltage.
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
SDATA
Data Out. Logic output. The conversion result from AD7476A/AD7477A/AD7478A is provided on this output as a serial data
stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the AD7476A consists of four
leading zeros followed by 12 bits of conversion data that are provided MSB first. The data stream from the AD7477A consists
of four leading zeros followed by 10 bits of conversion data followed by two trailing zeros, provided MSB first. The data stream
from the AD7478A consists of four leading zeros followed by 8 bits of conversion data followed by four trailing zeros that are
provided MSB first.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the
clock source for the conversion process of AD7476A/AD7477A/AD7478A.
NC
No Connect.


유사한 부품 번호 - AD7476AYRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7476AYRM AD-AD7476AYRM Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7476AYRM-REEL7 AD-AD7476AYRM-REEL7 Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
More results

유사한 설명 - AD7476AYRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com