전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTH11 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 MMBTH11
상세설명  NPN RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH11 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  MMBTH11 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 2Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 3Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 4Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 5Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 6Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 7Page - Fairchild Semiconductor MMBTH11 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NPN RF Transistor
(continued)
AC Typical Characteristics
POWER DISSIPATION vs
AMBIENT TEMPERATURE
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
TO-92
SOT-23
FIGURE 1: Unneutralized 200 MHz PG NF Test Circuit
200 mHz Output
into 50
200 mHz
Input
V
CC = 12 V
1000 pF
1000 pF
0.8-10 pF
R
S
R
L
100 pF
1000 pF
1000 pF
2.2 K
390
270
L1
L2
V
BB
L1 - Ohmite Z-235 RFC
L2 - L6 turns No. 14 wire, 1 inch L x 1/4 inch ID
tapped 1 1/2 turns from cold side
Test Circuits
°°°°°


유사한 부품 번호 - MMBTH11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MMBTH11 FAIRCHILD-MMBTH11 Datasheet
128Kb / 8P
   NPN RF Transistor
More results

유사한 설명 - MMBTH11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
   NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
   NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
   NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
   NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
   NPN RF TRANSISTOR
logo
Fairchild Semiconductor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770 Datasheet
25Kb / 2P
   NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
   NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com