전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8538AUJZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8538AUJZ-REEL7
상세설명  Low Power, Precision, Auto-Zero Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8538AUJZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8538AUJZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8538AUJZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8538/AD8539
Data Sheet
Rev. B | Page 10 of 24
1000
0.01
1
0.1
10
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V AND 2.7V
AV = 1
AV = 10
AV = 100
Figure 17. AD8538 Closed-Loop Output Impedance vs. Frequency
60
0
1
1000
LOAD CAPACITANCE (pF)
10
20
30
40
50
10
100
VSY = 5V
TA = 25°C
RL = 2kΩ
OS+
OS–
Figure 18. AD8538 Small Signal Overshoot vs. Load Capacitance
TIME (4µs/DIV)
VSY = 5V AND 2.7V
AV = 1
CL = 300pF
RL = 2kΩ
Figure 19. AD8538 Small Signal Transient Response
TIME (4µs/DIV)
VSY = 5V
AV = 1
CL = 300pF
RL = 10kΩ
Figure 20. AD8538 Large Signal Transient Response
TIME (10µs/DIV)
VSY = 5V
AV = –50
100
0
0
–2.5
Figure 21. AD8538 Positive Overload Recovery
TIME (10µs/DIV)
VSY = 5V
AV = –50
0
–100
2.5
0
Figure 22. AD8538 Negative Overload Recovery


유사한 부품 번호 - AD8538AUJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8538AUJZ-REEL7 AD-AD8538AUJZ-REEL7 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
More results

유사한 설명 - AD8538AUJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
REV. A
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8538 AD-AD8538 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com