전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8512AR-REEL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8512AR-REEL
상세설명  Precision, Very Low Noise, Low Input Bias Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8512AR-REEL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8512AR-REEL Datasheet HTML 5Page - Analog Devices AD8512AR-REEL Datasheet HTML 6Page - Analog Devices AD8512AR-REEL Datasheet HTML 7Page - Analog Devices AD8512AR-REEL Datasheet HTML 8Page - Analog Devices AD8512AR-REEL Datasheet HTML 9Page - Analog Devices AD8512AR-REEL Datasheet HTML 10Page - Analog Devices AD8512AR-REEL Datasheet HTML 11Page - Analog Devices AD8512AR-REEL Datasheet HTML 12Page - Analog Devices AD8512AR-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8510/AD8512/AD8513
Rev. I | Page 9 of 20
FREQUENCY (Hz)
1k
–30
–20
–10
10k
0
10
30
1M
10M
50M
40
50
20
60
70
100k
VSY = ±15V, ±5V
AV = 100
AV = 1
AV = 10
Figure 19. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
100
1k
0
40
10k
10M
100M
60
80
20
100
120
100k
1M
VSY = ±15V
Figure 20. CMRR vs. Frequency
FREQUENCY (Hz)
100
1k
0
40
10k
10M
100M
60
80
20
100
120
100k
1M
–20
–PSRR
+PSRR
VSY = ±5V, ±15V
Figure 21. PSRR vs. Frequency
FREQUENCY (Hz)
100
1k
0
90
10k
10M
100M
150
180
60
270
300
100k
1M
30
120
210
240
AV = 1
AV = 100
AV = 10
VSY = ±15V
VIN = 50mV
Figure 22. Output Impedance vs. Frequency
FREQUENCY (Hz)
1
10
100
1k
1
1k
100
10
10k
VSY = ±5V TO ±15V
Figure 23. Voltage Noise Density vs. Frequency
TIME (1s/DIV)
VSY = ±15V
Figure 24. 0.1 Hz to 10 Hz Input Voltage Noise


유사한 부품 번호 - AD8512AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8512AR-REEL AD-AD8512AR-REEL Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8512AR-REEL AD-AD8512AR-REEL Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8512AR-REEL7 AD-AD8512AR-REEL7 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8512AR-REEL7 AD-AD8512AR-REEL7 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results

유사한 설명 - AD8512AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512 AD-AD8512_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8513 AD-AD8513_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com