전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AD9640ABCPZ-105 데이터시트(HTML) 46 Page - Analog Devices

부품명 AD9640ABCPZ-105
상세내용  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

AD9640ABCPZ-105 데이터시트(HTML) 46 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
/ 52 page
 46 / 52 page
background image
AD9640
Rev. B | Page 46 of 52
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x11A
Signal Monitor
Result
Channel B
Register 1
(Global)
Signal Monitor Result Channel B[15:8]
Read only
0x11B
Signal Monitor
Result
Channel B
Register 2
(Global)
Open
Open
Open
Open
Signal Monitor Result Channel B[19:16]
Read only
MEMORY MAP REGISTER DESCRIPTION
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Sync Control (Register 0x100)
Bit 7—Signal Monitor Sync Enable
Bit 7 enables the sync pulse from the external SYNC input to
the signal monitor block. The sync signal is passed when Bit 7
is high and Bit 0 is high. This is continuous sync mode.
Bits[6:3]—Reserved
Bit 2—Clock Divider Next Sync Only
If the sync enable bit (Address 0x100[0]) is high and the clock
divider sync enable (Address 0x100[1]) is high, Bit 2 allows the
clock divider to sync to the first sync pulse it receives and ignore
the rest. Address 0x100[1] resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
passed when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions.
Fast Detect Control (Register 0x104)
Bits[7:4]—Reserved
Bits[3:1]—Fast Detect Mode Select
These bits set the mode of the fast detect output bits according
to Table 17.
Bit 0—Fast Detect Enable
Bit 0 is used to enable the fast detect bits. When the fast detect
outputs are disabled, the outputs go into a high impedance state.
In LVDS mode, when the outputs are interleaved, the outputs go
high-Z only if both channels are turned off (power-down/standby/
output disabled). If only one channel is turned off (power-down/
standby/output disabled), the fast detect outputs repeat the data
of the active channel.
Fine Upper Threshold (Register 0x106 and Register 0x107)
Register 0x106, Bits[7:0]—Fine Upper Threshold[7:0]
Register 0x107, Bits[7:5]—Reserved
Register 0x107, Bits[4:0]—Fine Upper Threshold[12:8]
These registers provide the fine upper limit threshold. This 13-bit
value is compared to the 13-bit magnitude from the ADC block
and, if the ADC magnitude exceeds this threshold value, the
F_UT flag is set.
Fine Lower Threshold (Register 0x108 and Register 0x109)
Register 0x108, Bits[7:0]—Fine Lower Threshold
[7:0]
Register 0x109, Bits[7:5]—Reserved
Register 0x109, Bits[4:0]—Fine Lower Threshold[12:8]
These registers provide a fine lower limit threshold. This 13-bit
value is compared to the 13-bit magnitude from the ADC block
and, if the ADC magnitude is less than this threshold value, the
F_LT flag is set.
Signal Monitor DC Correction Control (Register 0x10C)
Bit 7—Reserved
Bit 6—DC Correction Freeze
When Bit 6 is set high, the dc correction is no longer updated
to the signal monitoring block. It holds the last dc value it
calculated.
Bits[5:2]—DC Correction Bandwidth
These bits set the averaging time of the signal monitor dc correc-
tion function. It is a 4-bit word that sets the bandwidth of the
correction block (see Table 26).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn