전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AD9640ABCPZ-105 데이터시트(HTML) 48 Page - Analog Devices

부품명 AD9640ABCPZ-105
상세내용  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

AD9640ABCPZ-105 데이터시트(HTML) 48 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
/ 52 page
 48 / 52 page
background image
AD9640
Rev. B | Page 48 of 52
Signal Monitor Result Channel A (Register 0x116 to
Register 0x118)
Register 0x116, Bits[7:0]—Signal Monitor Result
Channel A[7:0]
Register 0x117, Bits[7:0]—Signal Monitor Result
Channel A[15:8]
Register 0x118, Bits[7:4]—Reserved
Register 0x118, Bits[3:0]—Signal Monitor Result
Channel A[19:16]
This 20-bit value contains the result calculated by the signal
monitoring block for Channel A. The content is dependent on the
settings in Register 0x112[2:1].
Signal Monitor Result Channel B (Register 0x119 to
Register 0x11B)
Register 0x119, Bits[7:0]— Signal Monitor Result
Channel B[7:0]
Register 0x11A, Bits[7:0]—Signal Monitor Result
Channel B[15:8]
Register 0x11B, Bits[7:4]—Reserved
Register 0x11B, Bits[3:0]—Signal Monitor Result
Channel B[19:16]
This 20-bit value contains the result calculated by the signal
monitoring block for Channel B. The content is dependent on
the settings in Register 0x112[2:1].


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn