์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AD9640ABCPZ-105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 16 Page - Analog Devices

๋ถ€ํ’ˆ๋ช… AD9640ABCPZ-105
์ƒ์„ธ๋‚ด์šฉ  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AD [Analog Devices]
ํ™ˆํŽ˜์ด์ง€  http://www.analog.com
Logo 

AD9640ABCPZ-105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 16 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
/ 52 page
 16 / 52 page
background image
AD9640
Rev. B | Page 16 of 52
Pin No.
Mnemonic
Type
Description
ADC Fast Detect Outputs
29
FD0A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
30
FD1A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
31
FD2A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
32
FD3A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
53
FD0B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
54
FD1B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
55
FD2B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
56
FD3B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
Digital Inputs
52
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
12
D0A (LSB)
Output
Channel A CMOS Output Data.
13
D1A
Output
Channel A CMOS Output Data.
14
D2A
Output
Channel A CMOS Output Data.
15
D3A
Output
Channel A CMOS Output Data.
16
D4A
Output
Channel A CMOS Output Data.
17
D5A
Output
Channel A CMOS Output Data.
18
D6A
Output
Channel A CMOS Output Data.
19
D7A
Output
Channel A CMOS Output Data.
22
D8A
Output
Channel A CMOS Output Data.
23
D9A
Output
Channel A CMOS Output Data.
25
D10A
Output
Channel A CMOS Output Data.
26
D11A
Output
Channel A CMOS Output Data.
27
D12A
Output
Channel A CMOS Output Data.
28
D13A (MSB)
Output
Channel A CMOS Output Data.
58
D0B (LSB)
Output
Channel B CMOS Output Data.
59
D1B
Output
Channel B CMOS Output Data.
60
D2B
Output
Channel B CMOS Output Data.
61
D3B
Output
Channel B CMOS Output Data.
62
D4B
Output
Channel B CMOS Output Data.
63
D5B
Output
Channel B CMOS Output Data.
2
D6B
Output
Channel B CMOS Output Data.
3
D7B
Output
Channel B CMOS Output Data.
4
D8B
Output
Channel B CMOS Output Data.
5
D9B
Output
Channel B CMOS Output Data.
6
D10B
Output
Channel B CMOS Output Data.
7
D11B
Output
Channel B CMOS Output Data.
8
D12B
Output
Channel B CMOS Output Data.
9
D13B (MSB)
Output
Channel B CMOS Output Data.
11
DCOA
Output
Channel A Data Clock Output.
10
DCOB
Output
Channel B Data Clock Output.
SPI Control
48
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
47
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer in External Pin Mode.
51
CSB
Input
SPI Chip Select (Active Low).
Serial Port
33
SMI SDO/OEB
Input/Output
Signal Monitor Serial Data Output/Output Enable Input (Active Low) in External Pin Mode.
35
SMI SDFS
Output
Signal Monitor Serial Data Frame Sync.
34
SMI SCLK/PDWN
Input/Output
Signal Monitor Serial Clock Output/Power-Down Input in External Pin Mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn