์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AD9640ABCPZ-105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 20 Page - Analog Devices

๋ถ€ํ’ˆ๋ช… AD9640ABCPZ-105
์ƒ์„ธ๋‚ด์šฉ  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AD [Analog Devices]
ํ™ˆํŽ˜์ด์ง€  http://www.analog.com
Logo 

AD9640ABCPZ-105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 20 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
/ 52 page
 20 / 52 page
background image
AD9640
Rev. B | Page 20 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V; DVDD = 1.8 V; DRVDD = 3.3 V; sample rate = 150 MSPS, DCS enabled, 1 V internal reference;
2 V p-p differential input; VIN = โˆ’1.0 dBFS; and 64k sample; TA = 25ยฐC, unless otherwise noted.
0
โ€“120
0
FREQUENCY (MHz)
โ€“20
โ€“40
โ€“60
โ€“80
โ€“100
10
20
30
40
50
70
60
150MSPS
2.3MHz @ โ€“1dBFS
SNR = 71.9dBc (72.9dBFS)
ENOB = 11.8 BITS
SFDR = 86dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 16. AD9640-150 Single-Tone FFT with fIN = 2.3 MHz
0
โ€“120
0
FREQUENCY (MHz)
โ€“20
โ€“40
โ€“60
โ€“80
โ€“100
10
20
30
40
50
70
60
150MSPS
30.3MHz @ โ€“1dBFS
SNR = 71.7dBc (72.7dBFS)
ENOB = 11.8 BITS
SFDR = 89.9dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 17. AD9640-150 Single-Tone FFT with fIN = 30.3 MHz
0
โ€“120
0
FREQUENCY (MHz)
โ€“20
โ€“40
โ€“60
โ€“80
โ€“100
10
20
30
40
50
70
60
150MSPS
70MHz @ โ€“1dBFS
SNR = 71.5dBc (72.5dBFS)
ENOB = 11.7 BITS
SFDR = 84dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 18. AD9640-150 Single-Tone FFT with fIN = 70 MHz
0
โ€“120
0
FREQUENCY (MHz)
โ€“20
โ€“40
โ€“60
โ€“80
โ€“100
10
20
30
40
50
70
60
150MSPS
140.3MHz @ โ€“1dBFS
SNR = 70.9dBc (71.9dBFS)
ENOB = 11.6 BITS
SFDR = 85.1dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 19. AD9640-150 Single-Tone FFT with fIN = 140.3 MHz
0
โ€“120
0
FREQUENCY (MHz)
โ€“20
โ€“40
โ€“60
โ€“80
โ€“100
10
20
30
40
50
70
60
150MSPS
200.3MHz @ โ€“1dBFS
SNR = 70dBc (71dBFS)
ENOB = 11.5 BITS
SFDR = 80dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 20. AD9640-150 Single-Tone FFT with fIN = 200.3 MHz
0
โ€“120
0
FREQUENCY (MHz)
โ€“20
โ€“40
โ€“60
โ€“80
โ€“100
10
20
30
40
50
70
60
150MSPS
337MHz @ โ€“1dBFS
SNR = 68dBc (69dBFS)
ENOB = 11 BITS
SFDR = 72.4dB
SECOND HARMONIC
THIRD HARMONIC
Figure 21. AD9640-150 Single-Tone FFT with fIN = 337 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn