์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AD9640ABCPZ-105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 22 Page - Analog Devices

๋ถ€ํ’ˆ๋ช… AD9640ABCPZ-105
์ƒ์„ธ๋‚ด์šฉ  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AD [Analog Devices]
ํ™ˆํŽ˜์ด์ง€  http://www.analog.com
Logo 

AD9640ABCPZ-105 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 22 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
/ 52 page
 22 / 52 page
background image
AD9640
Rev. B | Page 22 of 52
120
100
80
60
40
20
0
โ€“90
โ€“80
โ€“70
โ€“60
โ€“50
โ€“40
โ€“30
โ€“20
โ€“10
INPUT AMPLITUDE (dBFS)
0
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
85dB REFERENCE LINE
Figure 28. AD9640-150 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 2.3 MHz
120
100
80
60
40
20
0
โ€“90
โ€“80
โ€“70
โ€“60
โ€“50
โ€“40
โ€“30
โ€“20
โ€“10
INPUT AMPLITUDE (dBFS)
0
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
85dB REFERENCE LINE
Figure 29. AD9640-150 Single-Tone SFDR vs. Input Amplitude with
fIN = 98.12 MHz
95
90
85
80
75
70
65
60
0
INPUT FREQUENCY (MHz)
450
50
100
150
200
250
300
350
400
SFDR = +25ยฐC
SFDR = โ€“40ยฐC
SFDR = +85ยฐC
SNR = โ€“40ยฐC
SNR = +25ยฐC
SNR = +85ยฐC
Figure 30. AD9640-150 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 2 V p-p Full Scale
95
90
85
80
75
70
65
60
0
INPUT FREQUENCY (MHz)
450
50
100
150
200
250
300
350
400
SFDR = +25ยฐC
SFDR = โ€“40ยฐC
SFDR = +85ยฐC
SNR = โ€“40ยฐC
SNR = +25ยฐC
SNR = +85ยฐC
Figure 31. AD9640-150 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 1 V p-p Full Scale
0.8
โ€“1.0
โ€“40
TEMPERATURE (ยฐC)
0.6
0.4
0.2
0
โ€“0.2
โ€“0.4
โ€“0.6
โ€“0.8
โ€“20
0
2040
6080
GAIN
OFFSET
Figure 32. AD9640 Gain and Offset vs. Temperature
0
โ€“100
โ€“80
โ€“60
โ€“40
โ€“20
โ€“120
โ€“90
โ€“78
โ€“66
โ€“54
โ€“42
โ€“30
โ€“18
INPUT AMPLITUDE (dBFS)
โ€“6
SFDR (dBFS)
IMD3 (dBFS)
SFDR (dBc)
IMD3 (dBc)
Figure 33. AD9640-150 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 29.1 MHz, fIN2 = 32.1 MHz, fS = 150 MSPS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn