전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C8V2ET1G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BZX84C8V2ET1G
상세설명  Zener Voltage Regulators 225 mW SOT??3 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C8V2ET1G 데이터시트(HTML) 4 Page - ON Semiconductor

  BZX84C8V2ET1G Datasheet HTML 1Page - ON Semiconductor BZX84C8V2ET1G Datasheet HTML 2Page - ON Semiconductor BZX84C8V2ET1G Datasheet HTML 3Page - ON Semiconductor BZX84C8V2ET1G Datasheet HTML 4Page - ON Semiconductor BZX84C8V2ET1G Datasheet HTML 5Page - ON Semiconductor BZX84C8V2ET1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZX84CxxxET1G Series, SZBZX84CxxxET1G Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
VZ, NOMINAL ZENER VOLTAGE (V)
−3
−2
−1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
Figure 1. Temperature Coefficients
(Temperature Range −55C to +150C)
TYPICAL TC VALUES
VZ @ IZT
100
10
1
10
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range −55C to +150C)
VZ @ IZT
100
VZ, NOMINAL ZENER VOLTAGE
Figure 3. Effect of Zener Voltage on
Zener Impedance
10
1
1000
100
10
1
TJ = 255C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
VF, FORWARD VOLTAGE (V)
Figure 4. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (MMBZ5267BLT1)
91 V (MMBZ5270BLT1)
150C
75C 25C
0C
TYPICAL TC VALUES


유사한 부품 번호 - BZX84C8V2ET1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BZX84C8V2ET1G ONSEMI-BZX84C8V2ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
BZX84C8V2ET1G ONSEMI-BZX84C8V2ET1G Datasheet
172Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 10
More results

유사한 설명 - BZX84C8V2ET1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MMBZ5221ELT1_0508 ONSEMI-MMBZ5221ELT1_0508 Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_09 Datasheet
160Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 6
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com