전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27403 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM27403
상세설명  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM27403 데이터시트(HTML) 1 Page - Texas Instruments

  LM27403 Datasheet HTML 1Page - Texas Instruments LM27403 Datasheet HTML 2Page - Texas Instruments LM27403 Datasheet HTML 3Page - Texas Instruments LM27403 Datasheet HTML 4Page - Texas Instruments LM27403 Datasheet HTML 5Page - Texas Instruments LM27403 Datasheet HTML 6Page - Texas Instruments LM27403 Datasheet HTML 7Page - Texas Instruments LM27403 Datasheet HTML 8Page - Texas Instruments LM27403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
18
17
16
15
14
13
24
23
CBOOT
HG
SW
LG
VDD
GND
SS/TRACK
RS
FB
COMP
FADJ
SYNC
VIN
VOUT+
VOUT±
LM27403
VOUT+
VIN
D+
VDD
GND
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based
Overcurrent Protection and Programmable Thermal Shutdown
Check for Samples: LM27403
1
FEATURES
APPLICATIONS
2
Up to 97% Efficiency and 93% Duty Cycle
DC-DC Converters
Wide Input Voltage Range of 3 V to 20 V
High Power Density POL Modules
Switching Frequency from 200 kHz to 1.2 MHz
Telecommunications Infrastructure
Inductor-DCR-Based Overcurrent Protection
Embedded Computing, Servers, Storage
with Thermal Compensation
DESCRIPTION
0.6-V Reference with 1% Feedback Accuracy
The
LM27403
is
a
feature-rich,
easy-to-use,
30-ns Min On-Time for Low VOUT
synchronous buck controller offering exceptional
Integrated High-Current MOSFET Drivers
levels of integration and performance for superior
Adaptive Deadtime Control
efficiency in high power density, point-of-load (POL)
DC-DC
regulator
solutions.
The
resistor-
Ultrafast Line and Load Transient Response
programmable switching frequency from 200 kHz to
High GBW Error Amplifier
1.2 MHz and integrated, high-current MOSFET gate
PWM Line Feedforward
drivers with adaptive deadtime offer flexibility to
optimize solution size and maximize conversion
Integrated VDD Bias Supply LDO Subregulator
efficiency.
Programmable System-Level OTP
High precision and low output voltage are easily
Precision Enable with Hysteresis
obtained with a 0.6-V, 1% accurate voltage reference
Frequency Synchronization
together with a 30-ns high-side MOSFET minimum
Monotonic Prebiased Startup with Soft-Start
controllable on-time. Using lossless inductor dc
resistance (DCR) current sensing and an inexpensive
Open-Drain Power Good Indicator
2N3904 BJT to sense temperature remotely at the
4 mm x 4 mm, WQFN-24 PowerPAD™ Package
inductor,
the
LM27403
supports
accurate
and
thermally-compensated overcurrent protection (OCP).
TYPICAL APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
and Power Block NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM27403

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403SQ/NOPB TI1-LM27403SQ/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403SQE/NOPB TI1-LM27403SQE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403SQX/NOPB TI1-LM27403SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
More results

유사한 설명 - LM27403

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com