전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27403SQE 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM27403SQE
상세설명  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM27403SQE 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM27403SQE Datasheet HTML 5Page - Texas Instruments LM27403SQE Datasheet HTML 6Page - Texas Instruments LM27403SQE Datasheet HTML 7Page - Texas Instruments LM27403SQE Datasheet HTML 8Page - Texas Instruments LM27403SQE Datasheet HTML 9Page - Texas Instruments LM27403SQE Datasheet HTML 10Page - Texas Instruments LM27403SQE Datasheet HTML 11Page - Texas Instruments LM27403SQE Datasheet HTML 12Page - Texas Instruments LM27403SQE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
1.19
1.195
1.2
1.205
1.21
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C005
3.5
3.6
3.7
3.8
3.9
4
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C006
1.19
1.195
1.2
1.205
1.21
0
5
10
15
20
25
Output Current (A)
C003
1.19
1.195
1.2
1.205
1.21
0
2
4
6
8
10
12
14
16
18
20
Input Voltage (V)
C005
70
75
80
85
90
95
100
0
5
10
15
20
25
Output Current (A)
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 20V
C001
70
75
80
85
90
95
100
0
5
10
15
20
25
Output Current (A)
VOUT = 0.8V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5.3V
C002
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS
Unless otherwise stated, all datasheet curves were recorded using the circuit and powertrain designated Design 1 in the
DESIGN EXAMPLES section with input and output voltages of 12 V and 1.2 V, respectively.
Figure 2. Efficiency Plot, VOUT = 1.2 V
Figure 3. Efficiency Plot, VIN = 12 V
Figure 4. Load Regulation
Figure 5. Line Regulation
Figure 6. Temperature Regulation
Figure 7. Quiescent Current vs. Temperature, non switching
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM27403


유사한 부품 번호 - LM27403SQE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27403SQE/NOPB TI1-LM27403SQE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
More results

유사한 설명 - LM27403SQE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com