전자부품 데이터시트 검색엔진 |
|
M-ODC5A 데이터시트(PDF) 2 Page - Crydom Inc., |
|
M-ODC5A 데이터시트(HTML) 2 Page - Crydom Inc., |
2 / 5 page SPECIFICATIONS (1) Input Part Number M-OAC24 M-OAC24A M-ODC5 M-ODC5A M-ODC5F Nominal Voltage VDC 24 24 5.0 5.0 5.0 Minimum Voltage VDC (2) 18 18 2.75 2.75 2.75 Maximum Voltage VDC 32 32 8.0 8.0 8.0 Drop-out Voltage 1.0 1.0 1.0 1.0 1.0 Maximum Current (3) 13 13 18 18 18 Resistance (4) 2000 2000 250 250 250 Output Nominal Line Voltage 120 VAC 240 VAC 5-48 VDC 5-150 VDC 5-48 VDC Minimum Line Voltage 12 VAC 24 VAC 3.0 VDC 3.0 VDC 3.0 VDC Maximum Line Voltage 140 VAC 280 VAC 60 VDC 250 VDC 60 VDC Max Off-State Voltage (5) 400 Vpeak 600 Vpeak 60 VDC 250 VDC 60 VDC Max Off-State Leakage (6) 0.1mArms 0.1mArms 10 uA 10 uA 10 uA Static Off-State dv/dt (7) 200 V/usec 200 V/usec N/A N/A N/A Maximum Rated On-State Current (8) 3.5 Arms 3.5 Arms 3.0 A 1.0 A 3.0 A Minimum On-State Current 50 mArms 50 mArms 10 mA 10 mA 10 mA Max Surge Current (9) 100 Apeak 100 Apeak 5.0 A 5.0 A 5.0 A On-State Voltage Drop or Resistance (10) 1.6 V 1.6 V 1.5 V 1.5 V 1.5 V Maximum Turn-On Time [msec] (13) 8.33 8.33 0.1 0.1 0.025 Maximum Turn-Off Time [msec] (13) 8.33 8.33 0.75 0.75 0.05 Input/Output Isolation Voltage (14) 4000 4000 4000 4000 4000 Input/Output Capacitance 8 8 8 8 8 Operating Temperature Range -30 to 80°C -30 to 80°C -30 to 80°C -30 to 80°C -30 to 80°C Storage Temperature Range -40 to 80°C -40 to 80°C -40 to 80°C -40 to 80°C -40 to 80°C Line Frequency Range 47 to 63 47 to 63 DC DC DC Weight 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) SPECIFICATIONS (1) Input Part Number M-ODC5MA M-ODC5MC M-ODC5ML M-ODC24 M-ODC24A Nominal Voltage VDC 5.0 5.0 5.0 24 24 Minimum Voltage VDC (2) 2.75 2.75 2.75 18 18 Maximum Voltage VDC 8.0 8.0 8.0 32 32 Drop-out Voltage 1.0 1.0 1.0 1.0 1.0 Maximum Current (3) 18 18 18 13 13 Resistance (4) 250 250 250 2000 2000 Output Nominal Line Voltage 5-150 VDC 5-90 VDC 5-48 VDC 5-48 VDC 5-150 VDC Minimum Line Voltage 1.0 VDC 1.0 VDC 50 VDC 60 VDC 250 VDC Maximum Line Voltage 200 VDC 100 VDC 50 VDC 60 VDC 250 VDC Max Off-State Voltage (5) 200 VDC 100 VDC 50 VDC 60 VDC 250 VDC Max Off-State Leakage (6) 10 uA 10 uA 10 uA 10 uA 10 uA Static Off-State dv/dt (7) N/A N/A N/A N/A N/A Maximum Rated On-State Current (8) 3.0 A 5.0 A 1.0 A 3.0 A 1.0 A Minimum On-State Current 1.0 mA 1.0 mA 10 mA 10 mA 10 mA Max Surge Current (9) 10 A 10 A 10 A 5.0 A 5.0 A On-State Voltage Drop or Resistance (10) 0.25 Ohms 0.10 Ohms 0.05 Ohms 1.5 V 1.5 V Maximum Turn-On Time [msec] (13) 1.0 1.0 1.0 0.1 0.1 Maximum Turn-Off Time [msec] (13) 0.05 0.05 0.05 0.75 0.75 Input/Output Isolation Voltage (14) 1500 1500 1500 4000 4000 Input/Output Capacitance 8 8 8 8 8 Operating Temperature Range -30 to 80°C -30 to 80°C -30 to 80°C -30 to 80°C -30 to 80°C Storage Temperature Range -40 to 80°C -40 to 80°C -40 to 80°C -40 to 80°C -40 to 80°C Line Frequency Range DC DC DC DC DC Weight 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) 1.1 oz. (31.2g) |
유사한 부품 번호 - M-ODC5A |
|
유사한 설명 - M-ODC5A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |