전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N0801S 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 N0801S
상세설명  NPN SILICON EPITAXIAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0801S 데이터시트(HTML) 3 Page - Renesas Technology Corp

  N0801S Datasheet HTML 1Page - Renesas Technology Corp N0801S Datasheet HTML 2Page - Renesas Technology Corp N0801S Datasheet HTML 3Page - Renesas Technology Corp N0801S Datasheet HTML 4Page - Renesas Technology Corp N0801S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
N0801S
R07DS0729EJ0100
Rev.1.00
Page 3 of 5
May 30, 2012
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
0.0001
0.001
0.01
0.1
1
10
TA = 125˚C
25˚C
−25˚C
VBE - Base to Emitter Voltage - (V)
0.0
0.3
0.6
0.9
1.2
VCE = 2 V
Pulsed
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
10
100
1000
VCE = 6 V
1000
100
10
1
IC - Collector Current - (mA)
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
1
10
100
100
10
1
0.1
VCB - Collector to Base Voltage - (V)
IE = 0
f = 1.0 MHz
SWITCHING TIME vs.
COLLECTOR CURRENT
10
100
10000
1000
IC - Collector Current - (mA)
10
100
1000
10000
VCE = 10 V
IC = 10IB1 =
−10IB2
PW = 50
μs
ton
tf
tstg


유사한 부품 번호 - N0801S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
N0801S RENESAS-N0801S_15 Datasheet
85Kb / 5P
   NPN SILICON EPITAXIAL TRANSISTOR
More results

유사한 설명 - N0801S

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com