전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC662AIMX 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LMC662AIMX
상세설명  LMC662 CMOS Dual Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC662AIMX 데이터시트(HTML) 4 Page - Texas Instruments

  LMC662AIMX Datasheet HTML 1Page - Texas Instruments LMC662AIMX Datasheet HTML 2Page - Texas Instruments LMC662AIMX Datasheet HTML 3Page - Texas Instruments LMC662AIMX Datasheet HTML 4Page - Texas Instruments LMC662AIMX Datasheet HTML 5Page - Texas Instruments LMC662AIMX Datasheet HTML 6Page - Texas Instruments LMC662AIMX Datasheet HTML 7Page - Texas Instruments LMC662AIMX Datasheet HTML 8Page - Texas Instruments LMC662AIMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMC662
SNOSC51C – APRIL 1998 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC662AI
LMC662C
Parameter
Test Conditions
Typ(1)
Units
Limit(1)
Limit(1)
Output Current
Sourcing, VO = 0V
22
16
13
mA
V+ = 5V
14
11
min
Sinking, VO = 5V
21
16
13
mA
14
11
min
Output Current
Sourcing, VO = 0V
40
28
23
mA
V+ = 15V
25
21
min
Sinking, VO = 13V
39
28
23
mA
See(3)
24
20
min
Supply Current
Both Amplifiers
0.75
1.3
1.6
mA
VO = 1.5V
1.5
1.8
max
(3)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC662AI
LMC662C
Parameter
Test Conditions
Typ(1)
Units
Limit(1)
Limit(1)
Slew Rate
See(2)
1.1
0.8
0.8
V/
μs
0.6
0.7
min
Gain-Bandwidth Product
1.4
MHz
Phase Margin
50
Deg
Gain Margin
17
dB
Amp-to-Amp Isolation
See(3)
130
dB
Input-Referred Voltage Noise
F = 1 kHz
22
nV
√Hz
Input-Referred Current Noise
F = 1 kHz
0.0002
pA
√Hz
Total Harmonic Distortion
F = 10 kHz, AV = −10
RL = 2 kΩ, VO = 8 VPP
0.01
%
V+ = 15V
(1)
Typical values represent the most likely parametric norm. Limits are specified by testing or correlation.
(2)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(3)
Input referred. V+ = 15V and RL = 10 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC662


유사한 부품 번호 - LMC662AIMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC662AIM NSC-LMC662AIM Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
More results

유사한 설명 - LMC662AIMX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMC662CMX TI-LMC662CMX Datasheet
1Mb / 23P
[Old version datasheet]   LMC662 CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
   CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
   CMOS Dual operational amplifier
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
   CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
   CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com