전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4826DY 데이터시트(PDF) 3 Page - Texas Instruments

부품명 Si4826DY
상세설명  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

Si4826DY 데이터시트(HTML) 3 Page - Texas Instruments

  Si4826DY Datasheet HTML 1Page - Texas Instruments Si4826DY Datasheet HTML 2Page - Texas Instruments Si4826DY Datasheet HTML 3Page - Texas Instruments Si4826DY Datasheet HTML 4Page - Texas Instruments Si4826DY Datasheet HTML 5Page - Texas Instruments Si4826DY Datasheet HTML 6Page - Texas Instruments Si4826DY Datasheet HTML 7Page - Texas Instruments Si4826DY Datasheet HTML 8Page - Texas Instruments Si4826DY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VCC
7V
BOOTV
21V
Junction Temperature
150°C
Storage Temperature
−65°C to 150°C
Soldering Information
Lead Temperature (soldering, 10sec)
260°C
Infrared or Convection (20sec)
235°C
ESD Rating(3)
2 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device operates correctly. Opearting Ratings do not imply ensured performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
Operating Ratings
Supply Voltage (VCC)
4.5V to 5.5V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance (
θJA)
155°C/W
Electrical Characteristics
VCC = 5V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ=+25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are ensured by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC = 4.5V, 0°C to +125°C
0.591
0.6
0.609
VCC = 5V, 0°C to +125°C
0.591
0.6
0.609
VCC = 5.5V, 0°C to +125°C
0.591
0.6
0.609
VFB_ADJ
FB Pin Voltage
V
VCC = 4.5V, −40°C to +125°C
0.589
0.6
0.609
VCC = 5V, −40°C to +125°C
0.589
0.6
0.609
VCC = 5.5V, −40°C to +125°C
0.589
0.6
0.609
VON
UVLO Thresholds
Rising
4.2
V
Falling
3.6
SD = 5V, FB = 0.55V
1
1.5
2
Fsw = 600kHz
Operating VCC Current
mA
IQ-V5
SD = 5V, FB = 0.65V
0.8
1.7
2.2
Fsw = 600kHz
Shutdown VCC Current
SD = 0V
0.15
0.4
0.7
mA
tPWGD1
PWGD Pin Response Time
FB Voltage Going Up
6
µs
tPWGD2
PWGD Pin Response Time
FB Voltage Going Down
6
µs
ISD
SD Pin Internal Pull-up Current
20
µA
ISS-ON
SS Pin Source Current
SS Voltage = 2.5V
0°C to +125°C
8
11
15
µA
-40°C to +125°C
5
11
15
ISS-OC
SS Pin Sink Current During Over
SS Voltage = 2.5V
95
µA
Current
ISEN Pin Source Current Trip Point
0°C to +125°C
35
50
65
ISEN-TH
µA
-40°C to +125°C
28
50
65
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2727 LM2737


유사한 부품 번호 - Si4826DY

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4826 SILABS-SI4826 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4826 SILABS-SI4826 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4826 SILABS-SI4826 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

유사한 설명 - Si4826DY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com