전자부품 데이터시트 검색엔진 |
|
74AUP1G125DBVTG4 데이터시트(PDF) 7 Page - Texas Instruments |
|
74AUP1G125DBVTG4 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 29 page SN74AUP1G125 www.ti.com SCES595L – JULY 2004 – REVISED FEBRUARY 2013 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 20.5 1.2 V ± 0.1 V 4.6 8.4 13.7 3.6 16.6 1.5 V ± 0.1 V 3.5 5.9 9.3 2.4 11.1 tpd A or B Y ns 1.8 V ± 0.15 V 3.9 4.7 7.5 1.3 9.1 2.5 V ± 0.2 V 2.3 3.4 5.3 1.6 6.4 3.3 V ± 0.3 V 2.1 2.8 4.3 1.4 5.2 0.8 V 21.8 1.2 V ± 0.1 V 4.9 10.2 16.8 4.4 20.2 1.5 V ± 0.1 V 3.9 7.3 11.2 3.3 13.5 ten OE Y ns 1.8 V ± 0.15 V 3.4 5.8 9.2 2.7 11 2.5 V ± 0.2 V 2.5 4.3 6.4 2.1 7.8 3.3 V ± 0.3 V 2.1 3.7 5.4 1.9 6.4 0.8 V 13 1.2 V ± 0.1 V 3.8 6.6 11.7 1.2 14 1.5 V ± 0.1 V 2.2 4.7 7.9 1.3 9.3 tdis OE Y ns 1.8 V ± 0.15 V 2.4 4.4 6.4 2.2 7.5 2.5 V ± 0.2 V 1.3 3.1 4.9 1.2 5.4 3.3 V ± 0.3 V 1.9 3.4 5 1.9 5.6 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 22.5 1.2 V ± 0.1 V 5.8 9.3 15.1 4.3 17.9 1.5 V ± 0.1 V 4.4 6.6 10.2 3 12.1 tpd A or B Y ns 1.8 V ± 0.15 V 3.5 5.3 8.3 2.3 9.9 2.5 V ± 0.2 V 2.7 3.9 5.8 1.9 7 3.3 V ± 0.3 V 2.4 3.2 4.7 1.8 5.7 0.8 V 25.2 1.2 V ± 0.1 V 7 11.3 18.1 5.4 21.4 1.5 V ± 0.1 V 5.5 8.1 12.2 4.1 14.5 ten OE Y ns 1.8 V ± 0.15 V 4.3 6.5 10.1 3.3 12 2.5 V ± 0.2 V 3.4 4.8 7.1 2.6 8.4 3.3 V ± 0.3 V 2.9 4.1 5.9 2.3 6.9 0.8 V 14 1.2 V ± 0.1 V 3.7 5.8 8.2 3.3 11 1.5 V ± 0.1 V 5.5 3.9 5.9 2.1 8 tdis OE Y ns 1.8 V ± 0.15 V 3.3 4.5 6.6 2.9 7.4 2.5 V ± 0.2 V 2.3 3.2 4.3 1.8 5.1 3.3 V ± 0.3 V 2.4 4.8 6.2 3.1 6.7 Copyright © 2004–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: SN74AUP1G125 |
유사한 부품 번호 - 74AUP1G125DBVTG4 |
|
유사한 설명 - 74AUP1G125DBVTG4 |