전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS12A12511DGKR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TS12A12511DGKR
상세설명  6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511DGKR 데이터시트(HTML) 4 Page - Texas Instruments

  TS12A12511DGKR Datasheet HTML 1Page - Texas Instruments TS12A12511DGKR Datasheet HTML 2Page - Texas Instruments TS12A12511DGKR Datasheet HTML 3Page - Texas Instruments TS12A12511DGKR Datasheet HTML 4Page - Texas Instruments TS12A12511DGKR Datasheet HTML 5Page - Texas Instruments TS12A12511DGKR Datasheet HTML 6Page - Texas Instruments TS12A12511DGKR Datasheet HTML 7Page - Texas Instruments TS12A12511DGKR Datasheet HTML 8Page - Texas Instruments TS12A12511DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
12-V Single Supply
V+ = 12 V ± 10%, V= 0 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
TA= 25°C
TA= –40°C to 85°C
PARAMETER
SYMBOL
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Analog Switch
Analog signal range
0
V+
V
VNC =0 V to 10.8 V or VNO = 0 V to
ON-state resistance
ron
10.8 V,
5
5
8
ICOM = –10 mA, see Figure 12
ON-state resistance
VNC = 0 V to 10.8 V or VNO = 0 V to
match between
Δron
10.8 V,
1.6
2.4
2.6
channels
ICOM = –10 mA
VNC = 3.3 V to 7V or VNO = 3.3 V to
ON-state resistance
ron(flat)
7 V,
1.7
1.8
3.2
flatness
ICOM = –10 mA
Leakage Currents
VNC = 0 V to 10.8 V or VNO = 0 V to
INC(OFF),
10.8 V,
OFF leakage current
±0.5
±10
±50
nA
INO(OFF)
VCOM = 0 V to 10.8 V; see
Figure 13
VNC = 0 V to 10.8V or VNO = 0 V to
INC(ON),
ON leakage current
10.8 V,
±0.5
±10
±50
nA
INO(ON)
VCOM = open; see Figure 14
Digital Inputs
High-level input voltage
VINH
5
V+
V
Low-level input voltage
VINL
0
0.8
V
Input current
IINL, IINH
VIN = VINL or VINH
±0.005
±0.1
μA
Digital input capacitance
CIN
2.7
pF
4
Copyright
© 2009–2011, Texas Instruments Incorporated


유사한 부품 번호 - TS12A12511DGKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS12A12511DGKR TI-TS12A12511DGKR Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

유사한 설명 - TS12A12511DGKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
logo
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2511 VISHAY-DG2511_V01 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com