전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5508-A 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SC5508-A
상세설명  NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5508-A 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SC5508-A Datasheet HTML 1Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 2Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 3Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 4Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 5Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 6Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 7Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 8Page - Renesas Technology Corp 2SC5508-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5508
Chapter Title
R09DS0055EJ0200 Rev.2.00
Page 3 of 8
Mar 5, 2013
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Thermal/DC Characteristics
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
250
200
150
100
50
0
Ambient Temperature TA (˚C), Case Temperature TC (˚C)
Base to Emitter Voltage VBE (V)
0
25
50
75
100
125
150
Ptot-TA: Free air
Ptot-TA: Mounted on ceramic board
(15 mm
× 15 mm, t = 0.6 mm)
Ptot-TC: When case temperature
is specified
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
1.2
VCE = 2 V
50
40
30
20
10
0
01
2
3
4
5
IB = 50 A
100 A
150 A
200 A
250 A
300 A
350 A
400 A
450 A
500 A
0.001
200
100
10
1
0.01
0.1
1
10
100
VCE = 2 V
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
TOTAL POWER DISSIPATION vs. AMBIENT
TEMPERATURE, CASE TEMPERATURE
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Capacitance/fT Characteristics
0.50
0.40
0.30
0.20
0.10
0
Collector to Base Voltage VCB (V)
0
1.0
2.0
3.0
4.0
5.0
f = 1 MHz
Collector Current IC (mA)
1
30
25
20
15
10
5
0
10
100
VCE = 3 V
f = 2 GHz
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Remark The graphs indicate nominal characteristics.


유사한 부품 번호 - 2SC5508-A

제조업체부품명데이터시트상세설명
logo
NEC
2SC5508-T2 NEC-2SC5508-T2 Datasheet
106Kb / 16P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
More results

유사한 설명 - 2SC5508-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com