전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NC7SP125 데이터시트(HTML) 1 Page - Fairchild Semiconductor

부품명 NC7SP125
상세내용  TinyLogic ULP Buffer with 3-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

NC7SP125 데이터시트(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 1 / 10 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500611
www.fairchildsemi.com
June 2002
Revised June 2003
NC7SP125
TinyLogic
 ULP Buffer with 3-STATE Output
General Description
The NC7SP125 is a single Buffer with 3-STATE output from
Fairchild’s Ultra Low Power (ULP) series of TinyLogic
.
Ideal for applications where battery life is critical, this prod-
uct is designed for ultra low power consumption within the
VCC operating range of 0.9V to 3.6V.
The internal circuit is composed of a minimum of inverter
stages, including the output buffer, to enable ultra low static
and dynamic power.
The NC7SP125, for lower drive requirements, is uniquely
designed for optimized power and speed, and is fabricated
with an advanced CMOS technology to achieve best in
class speed operation while maintaining extremely low
CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s tPD
3 ns typ for 3.0V to 3.6V VCC
4 ns typ for 2.3V to 2.7V VCC
5 ns typ for 1.65V to 1.95V VCC
6 ns typ for 1.40V to 1.60V VCC
10 ns typ for 1.10V to 1.30V VCC
26 ns typ for 0.90V VCC
s Power-Off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±2.6 mA @ 3.00V V
CC
±2.1 mA @ 2.30V V
CC
±1.5 mA @ 1.65V V
CC
±1.0 mA @ 1.40V V
CC
±0.5 mA @ 1.10V V
CC
±20 µA@ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree packages
s Ultra low dynamic power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
Quiet Series
 and MicroPak are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SP125P5X
MAA05A
P25
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SP125L6X
MAC06A
L5
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn