전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD743JR 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD743JR
상세설명  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD743JR 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD743JR Datasheet HTML 4Page - Analog Devices AD743JR Datasheet HTML 5Page - Analog Devices AD743JR Datasheet HTML 6Page - Analog Devices AD743JR Datasheet HTML 7Page - Analog Devices AD743JR Datasheet HTML 8Page - Analog Devices AD743JR Datasheet HTML 9Page - Analog Devices AD743JR Datasheet HTML 10Page - Analog Devices AD743JR Datasheet HTML 11Page - Analog Devices AD743JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. E
–10–
AD743
AN INPUT IMPEDANCE COMPENSATED, SALLEN-KEY
FILTER
The simple high-pass filter of Figure 13 has an important source
of error which is often overlooked. Even 5 pF of input capacitance
in amplifier A will contribute an additional 1% of pass-band ampli-
tude error, as well as distortion, proportional to the C/V characteristics
of the input junction capacitance. The addition of the network
designated Z will balance the source impedance—as seen by
A—and thus eliminate these errors.
A
500k
500k
1000pF
1000pF
+VS
–VS
Z
1000pF
1000pF
500k
500k
Z
Figure 13. Input Impedance Compensated
Sallen-Key Filter
TWO HIGH PERFORMANCE ACCELEROMETER
AMPLIFIERS
Two of the most popular charge-out transducers are hydrophones
and accelerometers. Precision accelerometers are typically cali-
brated for a charge output (pC/g).
* Figures 14a and 14b show
two ways in which to configure the AD743 as a low noise charge
amplifier for use with a wide variety of piezoelectric accelerom-
eters. The input sensitivity of these circuits will be determined
by the value of capacitor C1 and is equal to
V
Q
C
OUT
OUT
=
1
The ratio of capacitor C1 to the internal capacitance (CT) of the
transducer determines the noise gain of this circuit (1 + CT/C1).
The amplifier’s voltage noise will appear at its output amplified
by this amount. The low frequency bandwidth of these circuits
will be dependent on the value of resistor R1. If a T network is
used, the effective value is R1(1 + R2/R3).
AD743
R2
9k
R1
110M
(5
22M )
OUTPUT
0.8mV/pC*
C1
1250pF
R3
1k
B AND K MODEL
4370 OR
EQUIVALENT
*pC = PICOCOULOMBS
g = EARTH’S GRAVITATIONAL CONSTANT
Figure 14a. Basic Accelerometer Circuit
AD743
R3
1k
R2
9k
R4
18M
R1
110M
(5
22M )
R5
18M
OUTPUT
0.8mV/pC
C1
1250pF
C3
2.2 F
C2
2.2 F
B AND K MODEL
4370 OR
EQUIVALENT
AD711
Figure 14b. Accelerometer Circuit Using a DC
Servo Amplifier
A dc servo loop (Figure 14b) can be used to assure a dc output
which is <10 mV, without the need for a large compensating
resistor when dealing with bias currents as large as 100 nA. For
optimal low frequency performance, the time constant of the
servo loop (R4C2 = R5C3) should be
Time Cons
R
R
R
C
tant
≥+


10 1 1
2
3
1
LOW NOISE HYDROPHONE AMPLIFIER
Hydrophones are usually calibrated in the voltage out mode.
The circuits of Figures 15a and 15b can be used to amplify the
output of a typical hydrophone. Figure 15a shows a typical
dc-coupled circuit. The optional resistor and capacitor serve
to counteract the dc offset caused by bias currents flowing through
resistor R1. Figure 15b, a variation of the original circuit, has a
low frequency cutoff determined by an RC time constant equal to
Time Cons
t
C
C
tan
=
××
1
2
100
πΩ
R2
1900
R4*
108
R1
108
R3
100
OUTPUT
AD743
*OPTIONAL, SEE TEXT
INPUT SENSITIVITY = –179 dB re. 1V/ Pa**
**1V PER MICROPASCAL
B AND K TYPE 8100
HYDROPHONE
CT
C1*
Figure 15a. Basic Hydrophone Amplifier


유사한 부품 번호 - AD743JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD743JR-16 AD-AD743JR-16 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JR-16 AD-AD743JR-16 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16 AD-AD743JR-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16 AD-AD743JR-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16 AD-AD743JR-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

유사한 설명 - AD743JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com