전자부품 데이터시트 검색엔진 |
|
AD664TD-BIP 데이터시트(PDF) 3 Page - Analog Devices |
|
AD664TD-BIP 데이터시트(HTML) 3 Page - Analog Devices |
3 / 23 page AD664 Model JN/JP/AD/AJ/SD KN/KP/BD/BJ/BE/TD/TE Min Typ Max Min Typ Max Units DIGITAL INPUTS VIH 2.0 * Volts VIL 0 0.8 * * Volts Data Inputs IIH @ VIN = VLL –10 ±1 10 ** * µA IIL @ VIN = DGND –10 ±1 10 ** * µA CS /DS0/DS1/RST/RD/LS IIH @ VIN = VLL –10 ±1 10 ** * µA IIL @ VIN = VLL –10 ±1 10 ** * µA MS /TR12 IIH @ VIN = VLL –10 5 10 ** * µA IIL @ VIN = DGND –10 –5 0 ** * µA QS0 /QSl/QS2 l2 IIH @ VIN = VLL –10 5 10 ** * µA IIL @ VIN = DGND –10 ±1 10 ** * µA DIGITAL OUTPUTS VOL @ 1.6 mA Sink 0.4 * Volts VOH @ 0.5 mA Source 2.4 * Volts TEMPERATURE RANGE JN/JP/KN/KP 0 +70 ** °C AD/AJ/BD/BJ/BE – 40 +85 ** °C SD/TD/TE –55 +125 ** °C NOTES 1A minimum power supply of ±12.0 V is required for 0 V to +10 V and ±10 V operation. A minimum power supply of ±11.4 V is required for –5 V to +5 V operation. 2For V CC < +12 V and VEE > –12 V. Voltage not to exeeed 10 V maximum. 3Bipolar zero error is the difference from the ideal output (0 volts) and the actual output voltage with code 100 000 000 000 applied to the inputs. 4Linearity error is defined as the maximum deviation of the actual DAC output from the ideal output (a straight line drawn from 0 to F.S. – 1 LSB). 5FSR means Full-Scale Range and is 20 V for ±10 V range and 10 V for ± 5 V range. 6A minimum power supply of ±12.0 V is required for a 10 V reference voltage. 7Analog Ground Current is input code dependent. 8Gain error matching is the largest difference in gain error between any two DACs in one package. 9Offset error matching is the largest difference in offset error between any two DACs in one package. 10Bipolar zero error matching is the largest difference in bipolar zero error between any two DACs in one package. 11Linearity error matching is the difference in the worst ease linearity error between any two DACs in one package. 1244-pin versions only. *Specifications same as JN/JP/AD/AJ/SD. Specifications subject to change without notice. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units. ABSOLUTE MAXIMUM RATINGS* VLL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +7 V VCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V VEE to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V to 0 V Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300 °C, 10 sec Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –1 V to +1 V Reference Input . . . . . . . . . . . . . . . . . . VREF ≤ ±10 V and V REF ≤ (V CC – 2 V, VEE + 2 V) VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +36 V CAUTION ESD (electrostatic discharge) sensitive device. Unused devices must be stored in conductive foam or shunts. The protective foam should be discharged to the destination socket before devices are removed. WARNING! ESD SENSITIVE DEVICE Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V Analog Outputs . . . . . . . . . . . . . . . . . . . . . Indefinite Shorts to VCC, VLL, VEE and GND *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. REV. –3– D |
유사한 부품 번호 - AD664TD-BIP |
|
유사한 설명 - AD664TD-BIP |