전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7709ARU 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7709ARU
상세설명  16-Bit - ADC with Switchable Current Sources
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7709ARU 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7709ARU Datasheet HTML 6Page - Analog Devices AD7709ARU Datasheet HTML 7Page - Analog Devices AD7709ARU Datasheet HTML 8Page - Analog Devices AD7709ARU Datasheet HTML 9Page - Analog Devices AD7709ARU Datasheet HTML 10Page - Analog Devices AD7709ARU Datasheet HTML 11Page - Analog Devices AD7709ARU Datasheet HTML 12Page - Analog Devices AD7709ARU Datasheet HTML 13Page - Analog Devices AD7709ARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. A
AD7709–Typical Performance Characteristics
–10–
200
32767
32766
32768
32770
32769
600
500
400
300
700
CODE
32771
100
0
TPC 3. Noise Histogram
OSCILLATOR
VDD = 5V
TA = 25 C
TIME BASE = 100ms/DIV
TRACE 1 = TRACE 2 = 2V/DIV
VDD
TPC 4. Typical Oscillator Power-Up
32767
100
0
200
400
300
32771
32770
32769
32768
32772
READING NUMBER
500
32766
32765
32764
600
700
800
900
1000
VDD = 5V
INPUT RANGE =
20mV
UPDATE RATE = 19.79Hz
VREF = 2.5V
TA = 25 C
TPC 1. Typical Noise Plot on
±20 mV Input Range
2.5
0
1.0
3.0
2.5
2.0
1.5
3.5
5.0
4.5
4.0
2.0
1.5
1.0
0.5
3.0
VREF – V
20mV RANGE
2.56V RANGE
VDD = 5V
VREF = 2.5V
INPUT RANGE =
2.56V
UPDATE RATE = 19.79Hz
TA = 25 C
TPC 2. RMS Noise vs. Reference Input


유사한 부품 번호 - AD7709ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7709ARU AD-AD7709ARU Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com