전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7714ANZ-5 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7714ANZ-5
상세설명  3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7714ANZ-5 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7714ANZ-5 Datasheet HTML 2Page - Analog Devices AD7714ANZ-5 Datasheet HTML 3Page - Analog Devices AD7714ANZ-5 Datasheet HTML 4Page - Analog Devices AD7714ANZ-5 Datasheet HTML 5Page - Analog Devices AD7714ANZ-5 Datasheet HTML 6Page - Analog Devices AD7714ANZ-5 Datasheet HTML 7Page - Analog Devices AD7714ANZ-5 Datasheet HTML 8Page - Analog Devices AD7714ANZ-5 Datasheet HTML 9Page - Analog Devices AD7714ANZ-5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Parameter
Y Versions
Units
Conditions/Comments
LOGIC OUTPUTS (Continued))
VOH, Output High Voltage
DVDD – 0.6
V min
ISOURCE = 100 µA with DVDD = 3 V. Except for MCLK OUT
12
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance13
9
pF typ
D
ata Output Coding
Binary
Unipolar Mode
Offset Binary
Bipolar Mode
TRANSDUCER BURNOUT14
Current
1
µA nom
Initial Tolerance
±10
% typ
Drift
0.1
%/
°C typ
SYSTEM CALIBRATION
Positive Full-Scale Calibration Limit15
(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Negative Full-Scale Calibration Limit15
–(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Offset Calibration Limit16
–(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Input Span16
0.8
× V
REF/GAIN
V min
GAIN Is the Selected PGA Gain (Between 1 and 128)
(2.1
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
POWER REQUIREMENTS
Power Supply Voltages
AVDD Voltage
+2.7 to +3.3 or
V
+4.75 to +5.25
V
For Specified Performance
DVDD Voltage
+2.7 to +5.25
V
For Specified Performance
Power Supply Currents
AVDD Current
AVDD = 3 V or 5 V. BST Bit of Filter High Register = 0
17, CLKDIS = 1
0.28
mA max
Typically 0.22 mA. BUFFER = 0 V. fCLK IN = 1 MHz or 2.4576 MHz
0.6
mA max
Typically 0.45 mA. BUFFER = DVDD. fCLK IN = 1 MHz or 2.4576 MHz
AVDD = 3 V or 5 V. BST Bit of Filter High Register = 1
17
0.5
mA max
Typically 0.38 mA. BUFFER = 0 V. fCLK IN = 2.4576 MHz
1.1
mA max
Typically 0.8 mA. BUFFER = DVDD. fCLK IN = 2.4576 MHz
DVDD Current
18
Digital I/Ps = 0 V or DVDD. External MCLK IN, CLKDIS = 1
0.080
mA max
Typically 0.06 mA. DVDD = 3 V. fCLK IN = 1 MHz
0.16
mA max
Typically 0.13 mA. DVDD = 5 V. fCLK IN = 1 MHz
0.18
mA max
Typically 0.15 mA. DVDD = 3 V. fCLK IN = 2.4576 MHz
0.35
mA max
Typically 0.3 mA. DVDD = 5 V. fCLK IN = 2.4576 MHz
Power Supply Rejection19
See Note 20
dB typ
Normal-Mode Power Dissipation18
AVDD = DVDD = +3 V. Digital I/Ps = 0 V or DVDD. External MCLK IN
BST Bit of Filter High Register = 017
1.05
mW max
Typically 0.84 mW. BUFFER = 0 V. fCLK IN = 1 MHz. BST Bit = 0
2.04
mW max
Typically 1.53 mW. BUFFER = +3 V. fCLK IN = 1 MHz. BST Bit = 0
1.35
mW max
Typically 1.11 mW. BUFFER = 0 V. fCLK IN = 2.4576 MHz. BST Bit = 0
2.34
mW max
Typically 1.9 mW. BUFFER = +3 V. fCLK IN = 2.4576 MHz. BST Bit = 0
Normal-Mode Power Dissipation
AVDD = DVDD = +5 V. Digital I/Ps = 0 V or DVDD. External MCLK IN
2.1
mW max
Typically 1.75 mW. BUFFER = 0 V. fCLK IN = 1 MHz. BST Bit = 0
3.75
mW max
Typically 2.9 mW. BUFFER = +5 V. fCLK IN = 1 MHz. BST Bit = 0
3.1
mW max
Typically 2.6 mW. BUFFER = 0 V. fCLK IN = 2.4576 MHz. BST Bit = 0
4.75
mW max
Typically 3.75 mW. BUFFER = +5 V. fCLK IN = 2.4576 MHz. BST Bit = 0
Standby (Power-Down) Current21
18
µA max
External MCLK IN = 0 V or DVDD. Typically 9 µA. VDD = +5 V
Standby (Power-Down) Current21
10
µA max
External MCLK IN = 0 V or DVDD. Typically 4 µA. VDD = +3 V
NOTES
1Temperature range is as follows: Y Version: –40
°C to +105°C.
2A calibration is effectively a conversion so these errors will be of the order of the conversion noise shown in Tables I to IV. This applies after calibration at the temperature of interest.
3Recalibration at any temperature will remove these drift errors.
4Positive Full-Scale Error includes Zero-Scale Errors (Unipolar Offset Error or Bipolar Zero Error) and applies to both unipolar and bipolar input ranges.
5Full-Scale Drift includes Zero-Scale Drift (Unipolar Offset Drift or Bipolar Zero Drift) and applies to both unipolar and bipolar input ranges.
6Gain Error does not include Zero-Scale Errors. It is calculated as Full-Scale Error—Unipolar Offset Error for unipolar ranges and Full-Scale Error—Bipolar Zero Error for
bipolar ranges.
7Gain Error Drift does not include Unipolar Offset Drift/Bipolar Zero Drift. It is effectively the drift of the part if zero-scale calibrations only were performed as is the case with background calibration.
8These numbers are guaranteed by design and/or characterization.
9The common-mode voltage range on the input pairs applies provided the absolute input voltage specification is obeyed.
10The input voltage range on the analog inputs is given here with respect to the voltage on the respective negative input of its differential or pseudo-differential pair. See Table VII for which
inputs form differential pairs.
11V
REF = REF IN(+) – REF IN(–).
12These logic output levels apply to the MCLK OUT output only when it is loaded with a single CMOS load.
13Sample tested at +25
°C to ensure compliance.
14See Burnout Current section.
15After calibration, if the input voltage exceeds positive full scale, the converter will output all 1s. If the input is less than negative full scale, then the device outputs all 0s.
16These calibration and span limits apply provided the absolute voltage on the analog inputs does not exceed AV
DD + 30 mV or go more negative than AGND – 30 mV. The offset calibration
limit applies to both the unipolar zero point and the bipolar zero point.
17For higher gains (
≥8) at f
CLK IN = 2.4576 MHz, the BST bit of the Filter High Register must be set to 1. For other conditions, it can be set to 0.
18When using a crystal or ceramic resonator across the MCLK pins as the clock source for the device, the DV
DD current and power dissipation will vary depending on the crystal or resonator
type (see Clocking and Oscillator Circuit section).
19Measured at dc and applies in the selected passband. PSRR at 50 Hz will exceed 120 dB with filter notches of 5 Hz, 10 Hz, 25 Hz or 50 Hz. PSRR at 60 Hz will exceed 120 dB with filter
notches of 6 Hz, 10 Hz, 30 Hz or 60 Hz.
20PSRR depends on gain.
Gain
1
2
4
8–128
AVDD = 3 V
86 dB
78 dB
85 dB
93 dB
AVDD = 5 V
90 dB
78 dB
84 dB
91 dB
21If the external master clock continues to run in standby mode, the standby current increases to 150
µA typical with 5 V supplies and 75 µA typical with 3.3 V supplies. When using a crystal
or ceramic resonator across the MCLK pins as the clock source for the device, the internal oscillator continues to run in standby mode and the power dissipation depends on the crystal or
resonator type (see Standby Mode section).
Specifications subject to change without notice.
AD7714Y
REV. C
–6–


유사한 부품 번호 - AD7714ANZ-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7714AN-3 AD-AD7714AN-3 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714AN-3 AD-AD7714AN-3 Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714AN-3 AD-AD7714AN-3 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7714AN-5 AD-AD7714AN-5 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714AN-5 AD-AD7714AN-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
More results

유사한 설명 - AD7714ANZ-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7714YRZ AD-AD7714YRZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714ARSZ-5 AD-AD7714ARSZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714ARZ-5 AD-AD7714ARZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com