전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NC7SV86 데이터시트(HTML) 3 Page - Fairchild Semiconductor

부품명 NC7SV86
상세내용  TinyLogic ULP-A 2-Input Exclusive-OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

NC7SV86 데이터시트(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: Absolute Maximum Ratings: are those values beyond which the
safety of the device cannot be guaranteed. The device should not be oper-
ated at these limits. The parametric values defined in the Electrical Charac-
teristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table will define the conditions for
actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VIN)
−0.5V to +4.6V
DC Output Voltage (VOUT)
HIGH or LOW State (Note 2)
−0.5V to V
CC +0.5V
VCC = 0V
−0.5V to +4.6V
DC Input Diode Current (IIK) VIN < 0V
±50 mA
DC Output Diode Current (IOK)
VOUT < 0V
−50 mA
VOUT > VCC
+50 mA
DC Output Source/Sink Current (IOH/IOL)
± 50 mA
DC VCC or Ground Current per
Supply Pin (ICC or Ground)
± 50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Supply Voltage
0.9V to 3.6V
Input Voltage (VIN)
0V to 3.6V
Output Voltage (VOUT)
VCC = 0.0V
0V to 3.6V
HIGH or LOW State
0V to VCC
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±24 mA
VCC = 2.3V to 2.7V
±18 mA
VCC = 1.65V to 1.95V
±6 mA
VCC = 1.4V to 1.6V
±4 mA
VCC = 1.1V to 1.3V
±2 mA
VCC = 0.9V
±0.1 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VIH
HIGH Level
0.90
0.65 x VCC
0.65 x VCC
V
Input Voltage
1.10
≤ V
CC ≤ 1.30
0.65 x VCC
0.65 x VCC
1.40
≤ V
CC ≤ 1.60
0.65 x VCC
0.65 x VCC
1.65
≤ V
CC ≤ 1.95
0.65 x VCC
0.65 x VCC
2.30
≤ V
CC < 2.70
1.6
1.6
2.70
≤ V
CC ≤ 3.60
2.0
2.0
VIL
LOW Level
0.90
0.35 x VCC
0.35 x VCC
V
Input Voltage
1.10
≤ V
CC ≤ 1.30
0.35 x VCC
0.35 x VCC
1.40
≤ V
CC ≤ 1.60
0.35 x VCC
0.35 x VCC
1.65
≤ V
CC ≤ 1.95
0.35 x VCC
0.35 x VCC
2.30
≤ V
CC < 2.70
0.7
0.7
2.70
≤ V
CC ≤ 3.60
0.8
0.8
VOH
HIGH Level
0.90
VCC − 0.1
VCC − 0.1
V
IOH = −100 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
VCC − 0.1
VCC − 0.1
1.40
≤ V
CC ≤ 1.60
VCC − 0.2
VCC − 0.2
1.65
≤ V
CC ≤ 1.95
VCC − 0.2
VCC − 0.2
2.30
≤ V
CC < 2.70
VCC − 0.2
VCC − 0.2
2.70
≤ V
CC ≤ 3.60
VCC − 0.2
VCC − 0.2
1.10
≤ V
CC ≤ 1.30
0.75 x VCC
0.75 x VCC
IOH = −2 mA
1.40
≤ V
CC ≤ 1.60
0.75 x VCC
0.75 x VCC
IOH = −4 mA
1.65
≤ V
CC ≤ 1.95
1.25
1.25
IOH = −6 mA
2.30
≤ V
CC < 2.70
2.0
2.0
2.30
≤ V
CC < 2.70
1.8
1.8
IOH = −12 mA
2.70
≤ V
CC ≤ 3.60
2.2
2.2
2.30
≤ V
CC < 2.70
1.7
1.7
IOH = −18 mA
2.70
≤ V
CC ≤ 3.60
2.4
2.4
2.70
≤ V
CC ≤ 3.60
2.2
2.2
IOH = −24 mA


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
NC7SV86_04TinyLogic ULP-A 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV38_04TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV08TinyLogic ULP-A 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV32TinyLogic ULP-A 2-Input OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7ST86_04TinyLogic HST 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SZ86_05TinyLogic UHS 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV00_04TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7ST86TinyLogic HST 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV02_04TinyLogic ULP-A 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV00TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn