전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NC7SV86 데이터시트(HTML) 4 Page - Fairchild Semiconductor

부품명 NC7SV86
상세내용  TinyLogic ULP-A 2-Input Exclusive-OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

NC7SV86 데이터시트(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 100 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.2
0.2
1.65
≤ V
CC ≤ 1.95
0.2
0.2
2.30
≤ V
CC < 2.70
0.2
0.2
2.70
≤ V
CC ≤ 3.60
0.2
0.2
1.10
≤ V
CC ≤ 1.30
0.25 x VCC
0.25 x VCC
IOL = 2 mA
1.40
≤ V
CC ≤ 1.60
0.25 x VCC
0.25 x VCC
IOL = 4 mA
1.65
≤ V
CC ≤ 1.95
0.3
0.3
IOL = 6 mA
2.30
≤ V
CC < 2.70
0.4
0.4
IOL = 12 mA
2.70
≤ V
CC ≤ 3.60
0.4
0.4
2.30
≤ V
CC < 2.70
0.6
0.6
IOL = 18 mA
2.70
≤ V
CC ≤ 3.60
0.4
0.4
2.70
≤ V
CC ≤ 3.60
0.55
0.55
IOL = 24 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.9
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
1
5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
5
µA
VI = VCC or GND
0.90 to 3.60
±5V
CC ≤ VI ≤ 3.6V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
15
ns
CL = 15 pF, RL = 1 MΩ
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
3.0
6.0
15.0
1.0
18.6
CL = 15 pF,
1.40
≤ V
CC ≤ 1.60
1.0
3.2
8.7
1.0
9.7
RL = 2 kΩ
1.65
≤ V
CC ≤ 1.95
1.0
1.9
6.0
1.0
6.8
CL = 30 pF
2.30
≤ V
CC < 2.70
0.8
1.2
3.6
0.7
4.7
RL = 500Ω
2.70
≤ V
CC ≤ 3.60
0.7
1.0
3.3
0.6
4.0
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.5
pF
CPD
Power Dissipation
0.90 to 3.60
8
pF
VI = 0V or VCC
Capacitance
f
= 10 MHz


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
NC7SV86_04TinyLogic ULP-A 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV38_04TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV08TinyLogic ULP-A 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV32TinyLogic ULP-A 2-Input OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7ST86_04TinyLogic HST 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SZ86_05TinyLogic UHS 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV00_04TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7ST86TinyLogic HST 2-Input Exclusive-OR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV02_04TinyLogic ULP-A 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
NC7SV00TinyLogic ULP-A 2-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn