전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCA8053-H 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPCA8053-H
상세설명  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8053-H 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPCA8053-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8053-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8053-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8053-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8053-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8053-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8053-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8053-H
2009-08-19
4
20
12
8
0
16
4
0
0.2
0.4
0.6
0.8
VGS = 2.9 V
6
10
1
4.5
0
0
1
23
5
30
Ta
= −55°C
25
100
4
0
0.3
0.5
0
ID = 15 A
2
4
6
8
3.8
7.5
0.2
10
1
0.1
10
100
100
2
0
0.8
VGS = 3 V
1.6
1.2
0.4
3.5
10
100
0.1
1
25
100
Ta
= −55°C
100
1
1000
3.5
5
10
10
VGS = 4.5 V
0.1
10
4.5
4
10
1
3.6
6
3.8
3
3.2
3.1
3.3
3.4
3.2
3.1
3.3
3.4
3.6
20
25
0.4
0.1
30
20
0
40
10
3.8
10
25
ID – VDS
ID – VDS
Drain-source voltage VDS (V)
Drain current ID (A)
RDS (ON) – ID
Drain current ID (A)
⎪Yfs⎪ – ID
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test


유사한 부품 번호 - TPCA8053-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8053-H TOSHIBA-TPCA8053-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - TPCA8053-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
SSM3K333R TOSHIBA-SSM3K333R_14 Datasheet
234Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS VII-H)
TPCA8030-H TOSHIBA-TPCA8030-H Datasheet
148Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS V-H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com