전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXL103CE 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADXL103CE
상세설명  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXL103CE 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADXL103CE Datasheet HTML 2Page - Analog Devices ADXL103CE Datasheet HTML 3Page - Analog Devices ADXL103CE Datasheet HTML 4Page - Analog Devices ADXL103CE Datasheet HTML 5Page - Analog Devices ADXL103CE Datasheet HTML 6Page - Analog Devices ADXL103CE Datasheet HTML 7Page - Analog Devices ADXL103CE Datasheet HTML 8Page - Analog Devices ADXL103CE Datasheet HTML 9Page - Analog Devices ADXL103CE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
ADXL103 AND ADXL203
VS = 5 V for all graphs, unless otherwise noted.
0
25
20
15
10
5
ZERO g BIAS (V)
Figure 5. X-Axis Zero g Bias Deviation from Ideal at 25°C
0
25
30
20
15
10
5
TEMPERATURE COEFFICIENT (mg/°C)
Figure 6. X-Axis Zero g Bias Temperature Coefficient
0
35
40
20
25
30
15
10
5
SENSITIVITY (V/g)
Figure 7. X-Axis Sensitivity at 25°C
0
30
25
20
15
10
5
ZERO g BIAS (V)
Figure 8. Y-Axis Zero g Bias Deviation from Ideal at 25°C
0
25
20
15
10
5
TEMPERATURE COEFFICIENT (mg/°C)
Figure 9. Y-Axis Zero g Bias Temperature Coefficient
0
35
40
20
25
30
15
10
5
SENSITIVITY (V/g)
Figure 10. Y-Axis Sensitivity at 25°C


유사한 부품 번호 - ADXL103CE

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL103CE AD-ADXL103CE Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL103CE AD-ADXL103CE Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL103CE-REEL1 AD-ADXL103CE-REEL1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL103CE1 AD-ADXL103CE1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
More results

유사한 설명 - ADXL103CE

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
   5G Antenna
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com