전자부품 데이터시트 검색엔진 |
|
SN74AHCT1G00DCKT 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74AHCT1G00DCKT 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 13 page PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples 74AHCT1G00DBVRE4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (B002 ~ B003 ~ B00G ~ B00J ~ B00S) 74AHCT1G00DBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (B002 ~ B003 ~ B00G ~ B00J ~ B00S) 74AHCT1G00DBVTE4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (B002 ~ B003 ~ B00G ~ B00S) 74AHCT1G00DBVTG4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (B002 ~ B003 ~ B00G ~ B00S) 74AHCT1G00DCKRE4 ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (BA3 ~ BAG ~ BAJ ~ BAS) 74AHCT1G00DCKRG4 ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (BA3 ~ BAG ~ BAJ ~ BAS) 74AHCT1G00DCKTE4 ACTIVE SC70 DCK 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (BA3 ~ BAG ~ BAS) 74AHCT1G00DCKTG4 ACTIVE SC70 DCK 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (BA3 ~ BAG ~ BAS) SN74AHCT1G00DBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (B002 ~ B003 ~ B00G ~ B00J ~ B00S) SN74AHCT1G00DBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (B002 ~ B003 ~ B00G ~ B00S) SN74AHCT1G00DCKR ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (BA3 ~ BAG ~ BAJ ~ BAS) SN74AHCT1G00DCKT ACTIVE SC70 DCK 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 (BA3 ~ BAG ~ BAS) (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |
유사한 부품 번호 - SN74AHCT1G00DCKT |
|
유사한 설명 - SN74AHCT1G00DCKT |