전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32495E 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL32495E
상세설명  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32495E 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL32495E Datasheet HTML 7Page - Intersil Corporation ISL32495E Datasheet HTML 8Page - Intersil Corporation ISL32495E Datasheet HTML 9Page - Intersil Corporation ISL32495E Datasheet HTML 10Page - Intersil Corporation ISL32495E Datasheet HTML 11Page - Intersil Corporation ISL32495E Datasheet HTML 12Page - Intersil Corporation ISL32495E Datasheet HTML 13Page - Intersil Corporation ISL32495E Datasheet HTML 14Page - Intersil Corporation ISL32495E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
11
FN7786.2
March 16, 2012
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards used for long haul or noisy environments.
RS-422 is a subset of RS-485, so RS-485 transceivers are also
RS-422 compliant. RS-422 is a point-to-multipoint (multidrop)
standard, which allows only one driver and up to 10 (assuming
one-unit load devices) receivers on each bus. RS-485 is a true
multipoint standard, which allows up to 32 one-unit load devices
(any combination of drivers and receivers) on each bus. To allow
for multipoint operation, the RS-485 specification requires that
drivers must handle bus contention without sustaining any
damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as long as
4000 feet; thus, the wide CMR is necessary to handle ground
potential differences, as well as voltages induced in the cable by
external fields.
The ISL3249xE is a family of ruggedized RS-485 transceivers
that improves on the RS-485 basic requirements and thereby
FIGURE 6A. TEST CIRCUIT
FIGURE 6B. MEASUREMENT POINTS
FIGURE 6. DRIVER DATA RATE
FIGURE 7A. TEST CIRCUIT
FIGURE 7B. MEASUREMENT POINTS
FIGURE 7. RECEIVER PROPAGATION DELAY AND DATA RATE
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
Z
Y
CD
VOD
+
-
54Ω
3V
0V
DIFF OUT (Y - Z)
+VOD
-VOD
DI
0V
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
SIGNAL
GENERATOR
VCM
RO
VCM + 750mV
VCM - 750mV
tPLH
VCM
VCM
VCC
0V
50%
50%
tPHL
A
B
1kΩ
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 10)
0
+1.5V
GND
tZL (Note 10)
0
-1.5V
VCC
tZH(SHDN) (Note 13)
0
+1.5V
GND
tZL(SHDN) (Note 13)
0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
(Note 11)
(Note 11)
(Note 11)
OUTPUT HIGH


유사한 부품 번호 - ISL32495E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL32495E INTERSIL-ISL32495E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32495E INTERSIL-ISL32495E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL32495E RENESAS-ISL32495E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32495EIBZ INTERSIL-ISL32495EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32495EIBZ RENESAS-ISL32495EIBZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

유사한 설명 - ISL32495E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com