전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32495EIUZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL32495EIUZ
상세설명  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32495EIUZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL32495EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
3
FN7786.2
March 16, 2012
Pin Configurations
ISL32492E, ISL32495E, ISL32498E
(8 LD MSOP, 8 LD SOIC)
TOP VIEW
ISL32490E, ISL32493E, ISL32496E
(10 LD MSOP)
TOP VIEW
ISL32490E, ISL32493E, ISL32496E
(14 LD SOIC)
TOP VIEW
NOTE: Evaluate creepage and clearance requirements at your maximum fault voltage before using small pitch packages (e.g., MSOP).
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
VCC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
10
X
High-Z
(see Note)
High-Z
(see Note)
NOTE: Low Power Shutdown Mode (see Note 11 on page 9).
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ -0.01V
1
00
X
≤ -0.2V
0
00
X
Inputs
Open/Shorted
1
10
0
X
High-Z
(see Note)
11
1
X
High-Z
NOTE: Low Power Shutdown Mode (see Note 11 on page 9).
Pin Descriptions
PIN
NAME
8 LD
PIN #
10 LD
PIN #
14 LD
PIN #
FUNCTION
RO
1
1
2
Receiver output. If A-B
≥ -10mV, RO is high; if A-B ≤ -200mV, RO is low; RO = High if A and B are
unconnected (floating), shorted together, or connected to an undriven, terminated bus.
RE
2
2
3
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. Internally
pulled low.
DE
3
3
4
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high
impedance when DE is low. Internally pulled high.
DI
4
4
5
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y
high and output Z low.
GND
5
5
6, 7
Ground connection.
A/Y
6
-
-
±60V Fault and ±16.5kV HBM ESD Protected RS-485/RS-422 level, non-inverting receiver input and
non-inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1.
B/Z
7
-
-
±60V Fault and ±16.5kV HBM ESD Protected RS-485/RS-422 level, inverting receiver input and inverting
driver output. Pin is an input if DE = 0; pin is an output if DE = 1.
A
-
9
12
±60V Fault and ±15kV HBM ESD Protected RS-485/RS-422 level, non-inverting receiver input.
B
-
8
11
±60V Fault and ±15kV HBM ESD Protected RS-485/RS-422 level, inverting receiver input.


유사한 부품 번호 - ISL32495EIUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL32495EIUZ INTERSIL-ISL32495EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32495EIUZ RENESAS-ISL32495EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

유사한 설명 - ISL32495EIUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com