전자부품 데이터시트 검색엔진 |
|
CD4049UBE 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
CD4049UBE 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 38 page 7 FIGURE 12. TYPICAL POWER DISSIPATION vs INPUT RISE AND FALL TIMES PER INVERTER FOR CD4050B Typical Performance Curves (Continued) 106 104 103 102 1 10 102 103 104 105 TA = 25 oC tr, tf, INPUT RISE AND FALL TIME (ns) SUPPLY VOLTAGE VCC = 5V FREQUENCY (f) = 10kHz 106 107 108 10 105 15V; 1MHz 15V; 100kHz 10V; 100kHz 15V; 10kHz 10V; 10kHz 15V; 1kHz Test Circuits FIGURE 13. QUIESCENT DEVICE CURRENT TEST CIRCUIT NOTE: Test any one input with other inputs at VCC or VSS. FIGURE 14. INPUT VOLTAGE TEST CIRCUIT NOTE: Measure inputs sequentially, to both VCC and VSS connect all unused inputs to either VCC or VSS. FIGURE 15. INPUT CURRENT TEST CIRCUIT In Terminal - 3, 5, 7, 9, 11, or 14 Out Terminal - 2, 4, 6, 10, 12 or 15 VCC Terminal - 1 VSS Terminal - 8 FIGURE 16. LOGIC LEVEL CONVERSION APPLICATION IDD VCC INPUTS VSS VCC VSS VCC OUTPUTS INPUTS VIH VIL VSS DVM + - VCC OUTPUTS INPUTS VCC VSS VSS I VCC = 5V OUTPUT INPUTS 10V = VIH 0 = VIL VSS TO DTL/TTL CMOS 10V LEVEL TO DTL/TTL 5V LEVEL COS/MOS IN 0 = VOL 5V = VOH CD4049 CD4049UB, CD4050B |
유사한 부품 번호 - CD4049UBE |
|
유사한 설명 - CD4049UBE |