전자부품 데이터시트 검색엔진 |
|
AM3354BZCZA60 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
AM3354BZCZA60 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 236 page AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 www.ti.com SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 • 1-Bit, 4-Bit and 8-Bit MMC, SD, and SDIO a Firmware Timer Modes • 512-Word Deep Internal FIFO • MMCSD0 has dedicated Power Rail for • Supported Display Types: 1.8-V or 3.3-V Operation – Character Displays - Uses LCD • Up to 48-MHz Data Transfer Rate Interface Display Driver (LIDD) • Supports Card Detect and Write Protect Controller to Program these Displays • Complies with MMC4.3 and SD and SDIO – Passive Matrix LCD Displays - Uses 2.0 Specifications LCD Raster Display Controller to Provide Timing and Data for Constant – Up to Three I2C Master and Slave Interfaces Graphics Refresh to a Passive Display • Standard Mode (up to 100 kHz) – Active Matrix LCD Displays - Uses • Fast Mode (up to 400 kHz) External Frame Buffer Space and the – Up to Four Banks of General-Purpose IO Internal DMA Engine to Drive (GPIO) Streaming Data to the Panel • 32 GPIOs per Bank (Multiplexed with – 12-Bit Successive Approximation Register Other Functional Pins) (SAR) ADC • GPIOs Can be Used as Interrupt Inputs • 200K Samples per Second (Up to Two Interrupt Inputs per Bank) • Input Can be Selected from any of the – Up to Three External DMA Event Inputs That Eight Analog Inputs Multiplexed Through Can Also be Used as Interrupt Inputs an 8:1 analog Switch – Eight 32-Bit General-Purpose Timers • Can be Configured to Operate as a 4-wire, • DMTIMER1 is a 1-ms Timer Used for 5-wire, or 8-wire Resistive Touch Screen Operating System (OS) Ticks Controller (TSC) Interface • DMTIMER4 - DMTIMER7 are Pinned Out – Up to Three 32-Bit Enhanced Capture – One Watchdog Timer Modules (eCAP) – SGX530 3D Graphics Engine • Configurable as Three Capture Inputs or • Tile-Based Architecture Delivering Up to Three Auxiliary PWM Outputs 20 Million Polygons per second – Up to Three Enhanced High-Resolution PWM • Universal Scalable Shader Engine is a Modules (eHRPWM) Multi-Threaded Engine Incorporating • Dedicated 16-Bit Time-Base Counter with Pixel and Vertex Shader Functionality Time and Frequency Controls • Advanced Shader Feature Set in Excess • Configurable as Six Single-Ended, Six of Microsoft VS3.0, PS3.0 and OGL2.0 Dual-Edge Symmetric, or Three Dual- • Industry Standard API Support of Edge Asymmetric Outputs Direct3D Mobile, OGL-ES 1.1 and 2.0, – Up to Three 32-Bit Enhanced Quadrature OpenVG 1.0, and OpenMax Encoder Pulse (eQEP) Modules • Fine-Grained Task Switching, Load • Device Identification Balancing and Power Management – Contains Electrical fuse Farm (FuseFarm) of • Advanced Geometry DMA Driven Which Some Bits are Factory Programmable Operation for Minimum CPU Interaction • Production ID • Programmable High-Quality Image Anti- • Device Part Number (Unique JTAG ID) Aliasing • Device Revision (readable by Host ARM) • Fully Virtualized Memory Addressing for • Debug Interface Support OS Operation in a Unified Memory – JTAG and cJTAG for ARM (Cortex-A8 and Architecture PRCM), PRU-ICSS Debug – LCD Controller – Supports Device Boundary Scan • Up to 24-Bits Data Output; 8-Bits per – Supports IEEE 1500 Pixel (RGB) • DMA • Resolution Up to 2048x2048 (With – On-Chip Enhanced DMA Controller (EDMA) Maximum 126-MHz Pixel Clock) has Three Third-Party Transfer Controllers • Integrated LCD Interface Display Driver (TPTC) and One Third-Party Channel (LIDD) Controller Controller (TPCC), Which Supports Up to 64 • Integrated Raster Controller Programmable Logical Channels and Eight • Integrated DMA Engine to Pull Data from QDMA Channels. EDMA is Used for: the External Frame Buffer without • Transfers to and from On-Chip Memories Burdening the Processor via Interrupts or Copyright © 2011–2013, Texas Instruments Incorporated Device Summary 3 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
유사한 부품 번호 - AM3354BZCZA60 |
|
유사한 설명 - AM3354BZCZA60 |